Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F720 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16F720
Description  20-Pin Flash Microcontrollers
Download  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F720 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16F720_13 Datasheet HTML 5Page - Microchip Technology PIC16F720_13 Datasheet HTML 6Page - Microchip Technology PIC16F720_13 Datasheet HTML 7Page - Microchip Technology PIC16F720_13 Datasheet HTML 8Page - Microchip Technology PIC16F720_13 Datasheet HTML 9Page - Microchip Technology PIC16F720_13 Datasheet HTML 10Page - Microchip Technology PIC16F720_13 Datasheet HTML 11Page - Microchip Technology PIC16F720_13 Datasheet HTML 12Page - Microchip Technology PIC16F720_13 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 254 page
background image
 2010-2013 Microchip Technology Inc.
DS41430D-page 9
PIC16(L)F720/721
TABLE 1-1:
PINOUT DESCRIPTION
Name
Function
IN
OUT
Description
RA0/AN0/ICSPDAT/ICDDAT
RA0
TTL
CMOS
General purpose I/O. Individually controlled
interrupt-on-change. Individually enabled pull-up.
AN0
AN
A/D Channel 0 Input.
ICSPDAT
ST
CMOS
ICSP™ Data I/O.
RA1/AN1/ICSPCLK/ICDCLK
RA1
TTL
CMOS
General purpose I/O. Individually controlled
interrupt-on-change. Individually enabled pull-up.
AN1
AN
A/D Channel 1 Input.
ICSPCLK
ST
ICSP™ Clock.
RA2/AN2/T0CKI/INT
RA2
TTL
CMOS
General purpose I/O with IOC and WPU.
AN2
AN
A/D Channel 2 Input.
T0CKI
ST
Timer0 Clock Input.
INT
ST
External interrupt.
RA3/MCLR/VPP
RA3
TTL
General purpose input-only with IOC and WPU.
MCLR
ST
Master Clear with internal pull-up.
VPP
HV
Programming Voltage.
RA4/AN3/T1G/CLKOUT
RA4
TTL
CMOS
General purpose I/O with IOC and WPU.
AN3
AN
A/D Channel 3 Input.
T1G
ST
Timer1 Gate Input.
CLKOUT
CMOS
FOSC/4 output.
RA5/T1CKI/CLKIN
RA5
TTL
CMOS
General purpose I/O with IOC and WPU.
T1CKI
ST
Timer1 Clock input.
CLKIN
ST
External Clock Input (EC mode).
RB4/AN10/SDI/SDA
RB4
TTL
CMOS
General purpose I/O with IOC and WPU.
AN10
AN
A/D Channel 10 Input.
SDI
ST
SPI Data Input.
SDA
I2COD
I2C™ Data.
RB5/AN11/RX/DT
RB5
TTL
CMOS
General purpose I/O with IOC and WPU.
AN11
AN
A/D Channel 11 Input.
RX
ST
USART asynchronous input.
DT
ST
CMOS
USART synchronous data.
RB6/SCK/SCL
RB6
TTL
CMOS
General purpose I/O with IOC and WPU.
SCK
ST
CMOS
SPI Clock.
SCL
I2COD
I2C™ Clock.
RB7/TX/CK
RB7
TTL
CMOS
General purpose I/O with IOC and WPU.
TX
CMOS
USART asynchronous transmit.
CK
ST
CMOS
USART synchronous clock.
RC0/AN4
RC0
ST
CMOS
General purpose I/O.
AN4
AN
A/D Channel 4 Input.
RC1/AN5
RC1
ST
CMOS
General purpose I/O.
AN5
AN
A/D Channel 5 Input.
RC2/AN6
RC2
ST
CMOS
General purpose I/O.
AN6
AN
A/D Channel 6 Input.
RC3/AN7
RC3
ST
CMOS
General purpose I/O.
AN7
AN
A/D Channel 7 Input.
Legend:
AN = Analog input or output, CMOS = CMOS compatible input or output, OD = Open Drain, TTL = TTL compatible
input, ST = Schmitt Trigger input with CMOS levels, I2C™ = Schmitt Trigger input with I2C, HV = High Voltage,
XTAL = Crystal levels


Similar Part No. - PIC16F720_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F720-E/ML MICROCHIP-PIC16F720-E/ML Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F720-E/P MICROCHIP-PIC16F720-E/P Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F720-E/SO MICROCHIP-PIC16F720-E/SO Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F720-E/SS MICROCHIP-PIC16F720-E/SS Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F720-I/ML MICROCHIP-PIC16F720-I/ML Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
More results

Similar Description - PIC16F720_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F14K22LIN MICROCHIP-PIC18F14K22LIN Datasheet
573Kb / 62P
   20-Pin Flash Microcontrollers 20-Pin Flash Microcontrollers
2011
PIC18F-LF1XK50 MICROCHIP-PIC18F-LF1XK50 Datasheet
3Mb / 420P
   20-Pin USB Flash Microcontrollers
2010
PIC16F1507 MICROCHIP-PIC16F1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16LF1507 MICROCHIP-PIC16LF1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16F1507-E MICROCHIP-PIC16F1507-E Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
05/02/11
PIC16F1764 MICROCHIP-PIC16F1764 Datasheet
7Mb / 563P
   14/20-Pin, 8-Bit Flash Microcontrollers
10/25/17
PIC16LF1824T39A MICROCHIP-PIC16LF1824T39A_12 Datasheet
6Mb / 418P
   20-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC18F1XK22 MICROCHIP-PIC18F1XK22 Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F720 MICROCHIP-PIC16F720 Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF720 MICROCHIP-PIC16LF720_11 Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com