Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16C926 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16C926
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
Download  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C926 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16C926 Datasheet HTML 3Page - Microchip Technology PIC16C926 Datasheet HTML 4Page - Microchip Technology PIC16C926 Datasheet HTML 5Page - Microchip Technology PIC16C926 Datasheet HTML 6Page - Microchip Technology PIC16C926 Datasheet HTML 7Page - Microchip Technology PIC16C926 Datasheet HTML 8Page - Microchip Technology PIC16C926 Datasheet HTML 9Page - Microchip Technology PIC16C926 Datasheet HTML 10Page - Microchip Technology PIC16C926 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 180 page
background image
 2001-2013 Microchip Technology Inc.
Preliminary
DS39544B-page 7
PIC16C925/926
TABLE 1-2:
PIC16C925/926 PINOUT DESCRIPTION
Pin Name
PLCC,
CLCC
Pin#
TQFP
Pin#
Pin
Type
Buffer
Type
Description
OSC1/CLKIN
24
14
I
ST/CMOS
Oscillator crystal input or external clock source input. This
buffer is a Schmitt Trigger input when configured in RC
oscillator mode and a CMOS input otherwise.
OSC2/CLKOUT
25
15
O
Oscillator crystal output. Connects to crystal or resonator in
crystal oscillator mode. In RC mode, OSC2 pin outputs
CLKOUT, which has 1/4 the frequency of OSC1 and denotes
the instruction cycle rate.
MCLR/VPP
2
57
I/P
ST
Master Clear (Reset) input or programming voltage input. This
pin is an active low RESET to the device.
PORTA is a bi-directional I/O port.
RA0/AN0
5
60
I/O
TTL
RA0 can also be Analog input0.
RA1/AN1
6
61
I/O
TTL
RA1 can also be Analog input1.
RA2/AN2
8
63
I/O
TTL
RA2 can also be Analog input2.
RA3/AN3/VREF
9
64
I/O
TTL
RA3 can also be Analog input3 or A/D Voltage
Reference.
RA4/T0CKI
10
1
I/O
ST
RA4 can also be the clock input to the Timer0
timer/counter. Output is open drain type.
RA5/AN4/SS
11
2
I/O
TTL
RA5 can be the slave select for the synchronous serial port
or Analog input4.
PORTB is a bi-directional I/O port. PORTB can be software
programmed for internal weak pull-ups on all inputs.
RB0/INT
13
4
I/O
TTL/ST
RB0 can also be the external interrupt pin. This buffer is a
Schmitt Trigger input when configured as an
external interrupt.
RB1
12
3
I/O
TTL
RB2
4
59
I/O
TTL
RB3
3
58
I/O
TTL
RB4
68
56
I/O
TTL
Interrupt-on-change pin.
RB5
67
55
I/O
TTL
Interrupt-on-change pin.
RB6
65
53
I/O
TTL/ST
Interrupt-on-change pin. Serial programming clock. This
buffer is a Schmitt Trigger input when used in Serial
Programming mode.
RB7
66
54
I/O
TTL/ST
Interrupt-on-change pin. Serial programming data. This
buffer is a Schmitt Trigger input when used in Serial
Programming mode.
PORTC is a bi-directional I/O port.
RC0/T1OSO/T1CKI
26
16
I/O
ST
RC0 can also be the Timer1 oscillator output or Timer1
clock input.
RC1/T1OSI
27
17
I/O
ST
RC1 can also be the Timer1 oscillator input.
RC2/CCP1
28
18
I/O
ST
RC2 can also be the Capture1 input/Compare1
output/PWM1 output.
RC3/SCK/SCL
14
5
I/O
ST
RC3 can also be the synchronous serial clock input/
output for both SPI and I2C modes.
RC4/SDI/SDA
15
6
I/O
ST
RC4 can also be the SPI Data In (SPI mode) or
data I/O (I2C mode).
RC5/SDO
16
7
I/O
ST
RC5 can also be the SPI Data Out (SPI mode).
C1
17
8
P
LCD Voltage Generation.
C2
18
9
P
LCD Voltage Generation.
COM0
63
51
L
Common Driver0.
Legend: I = input
O = output
P = power
L = LCD Driver
— = Not used
TTL = TTL input
ST = Schmitt Trigger input


Similar Part No. - PIC16C926

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C926 MICROCHIP-PIC16C926 Datasheet
3Mb / 182P
   64/68-Pin CMOS Microcontrollers with LCD Driver
2001
PIC16C926-I/CL MICROCHIP-PIC16C926-I/CL Datasheet
3Mb / 182P
   64/68-Pin CMOS Microcontrollers with LCD Driver
2001
PIC16C926-I/L MICROCHIP-PIC16C926-I/L Datasheet
3Mb / 182P
   64/68-Pin CMOS Microcontrollers with LCD Driver
2001
PIC16C926-I/PT MICROCHIP-PIC16C926-I/PT Datasheet
3Mb / 182P
   64/68-Pin CMOS Microcontrollers with LCD Driver
2001
PIC16C926-S/CL MICROCHIP-PIC16C926-S/CL Datasheet
3Mb / 182P
   64/68-Pin CMOS Microcontrollers with LCD Driver
2001
More results

Similar Description - PIC16C926

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C925 MICROCHIP-PIC16C925 Datasheet
3Mb / 182P
   64/68-Pin CMOS Microcontrollers with LCD Driver
2001
PIC16F946 MICROCHIP-PIC16F946 Datasheet
4Mb / 274P
   64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2005
PIC18F6390 MICROCHIP-PIC18F6390_07 Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F6390 MICROCHIP-PIC18F6390 Datasheet
6Mb / 412P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2004
PIC16F1946 MICROCHIP-PIC16F1946_11 Datasheet
3Mb / 448P
   64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010-2011
PIC16LF1946 MICROCHIP-PIC16LF1946_13 Datasheet
5Mb / 478P
   64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010-2012
PIC16F1946 MICROCHIP-PIC16F1946 Datasheet
4Mb / 440P
   64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010
PIC18F85J90 MICROCHIP-PIC18F85J90_10 Datasheet
3Mb / 416P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F85J90 MICROCHIP-PIC18F85J90 Datasheet
6Mb / 411P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F86J90-I MICROCHIP-PIC18F86J90-I Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
12/30/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com