Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCH4AG100R8MA Datasheet(PDF) 2 Page - AVX Corporation

Part # VCH4AG100R8MA
Description  AntennaGuard/SPV AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit Sensitive to Capacitance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCH4AG100R8MA Datasheet(HTML) 2 Page - AVX Corporation

  VCH4AG100R8MA Datasheet HTML 1Page - AVX Corporation VCH4AG100R8MA Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
55
AntennaGuard/SPV
AVX Multilayer Ceramic Transient Voltage Suppressors
ESD Protection for any Circuit Sensitive to Capacitance
S21 Transmission Characteristics -SPV
V/I Curve - SPV
t
t
T
L
W
Size (EIA)
0402
Length (L)
1.00 ±0.10 (0.040 ± 0.004)
Width (W)
0.50 ±0.10 (0.020 ±0.004)
Max Thickness (T)
0.35 (0.014)
Terminal (t)
0.25±0.15 (0.010±0.006)
mm (inches)
5
0
-5
-10
-15
-20
10
100
1000
VCH4AG150R8MA-500
10000
100000
Frequency (MHz)
VCH4AG150RMA-250
200
150
100
50
0
Current (A)
VCH4AG150R4MA-250
VCH4AG150R8MA-500
1.0E-09
1.0E-06
1.0E-03
ESD Wave Absorption Characteristics
2000
1500
1000
500
0
0
20
40
60
80
100
Time (nsec)
Std 8 kV Pulse No Part
VCH4AG150R8
VCH4AG150R4


Similar Part No. - VCH4AG100R8MA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCH4AG100R8MA AVX-VCH4AG100R8MA Datasheet
241Kb / 2P
   AntennaGuard/SPV
VCH4AG100R8MA AVX-VCH4AG100R8MA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VCH4AG100R8MA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC020103V101WP AVX-VC020103V101WP Datasheet
82Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
VC0201 AVX-VC0201 Datasheet
161Kb / 2P
   Miniature 0201 MLV AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com