Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXP Datasheet(PDF) 2 Page - AVX Corporation

Part # SXP
Description  SMPS Molded Radial MLC Capacitors SXP Style for High Temperature Applications up to 200쨘C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SXP Datasheet(HTML) 2 Page - AVX Corporation

  SXP Datasheet HTML 1Page - AVX Corporation SXP Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMPS Molded Radial MLC Capacitors
SXP Style for High Temperature Applications up to 200ºC
STYLE
DIMENSIONS
millimeters (inches)
CAPACITANCE RANGE
C0G
X7R
L
T
H
LD
L
T
LD
LS
LL
AVX Style
Length (L)
Height (H)
Thickness (T)
Lead Spacing
LD
±0.25 (±0.010)
±0.25 (±0.010)
±0.25 (±0.010)
±0.76 (±0.030)
±0.05 (±0.002)
SXP1
8.9 (0.350)
8.9 (0.350)
5.08 (0.200)
5.08 (0.200)
0.51 (0.020)
SXP2
11.4 (0.450)
11.4 (0.450
5.08 (0.200)
5.08 (0.200)
0.51 (0.020)
SXP3
12.7 (0.500)
12.7 (0.500)
5.08 (0.200)
10.2 (0.402)
0.64 (0.025)
SXP4
22.4 (0.880)
16.3 (0.641)
5.84 (0.230)
19.8 (0.780)
0.81 (0.032)
Style
50V
100V
200V
500V
1000V
SXP1
(MIN)
1000pF
1000pF
1000pF
100pF
100pF
(MAX)
.047μF
.027μF
8200pF
4700pF
2200pF
SXP2
(MIN)
.01μF
1000pF
1000pF
100pF
100pF
(MAX)
.10μF
.056μF
.018μF
8200pF
4700pF
SXP3
(MIN)
.01μF
1000pF
1000pF
1000pF
1000pF
(MAX)
.15μF
.068μF
.022μF
.012μF
6800pF
SXP4
(MIN)
.01μF
.01μF
1000pF
1000pF
1000pF
(MAX)
.39μF
.22μF
.068μF
.033μF
.018μF
Style
50V
100V
200V
500V
1000V
SXP1
(MIN)
.1μF
.01μF
.01μF
.01μF
.01μF
(MAX)
1.2μF
.68μF
.27μF
.12μF
.033μF
SXP2
(MIN)
.1μF
.1μF
.01μF
.01μF
.01μF
(MAX)
2.2μF
1.2μF
.56μF
.22μF
.068μF
SXP3
(MIN)
.01μF
.1μF
.01μF
.01μF
.01μF
(MAX)
3.3μF
1.8μF
.82μF
.33μF
.10μF
SXP4
(MIN)
1μF
.1μF
.1μF
.01μF
.01μF
(MAX)
10μF
5.6μF
2.2μF
1.0μF
.27μF


Similar Part No. - SXP

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
SXP TRANSKO-SXP Datasheet
170Kb / 1P
   STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.7 x 7.5mm)
Rev. 2: 01-30-19
logo
Honeywell Solid State E...
SXP01ALP HONEYWELL-SXP01ALP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SXP01ALP HONEYWELL-SXP01ALP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SXP01ALP HONEYWELL-SXP01ALP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SXP01AP HONEYWELL-SXP01AP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
More results

Similar Description - SXP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SMX AVX-SMX Datasheet
163Kb / 4P
   SMPS Stacked MLC Capacitors SMX Style for High Temperature Applications up to 200쨘C
T49470R01105KCJ AVX-T49470R01105KCJ Datasheet
186Kb / 18P
   SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
SM91 AVX-SM91 Datasheet
80Kb / 3P
   SMPS Stacked MLC Capacitors (SM9 Style) Technical Information on SMPS Capacitors
SM01 AVX-SM01 Datasheet
186Kb / 18P
   SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
SMM4 AVX-SMM4 Datasheet
90Kb / 2P
   SMPS Stacked MLC Capacitors (SMM Style) Extended Range
RMM AVX-RMM Datasheet
104Kb / 2P
   RoHS Compliant SMPS Stacked MLC Capacitors (RMM Style) Extended Range
SK01 AVX-SK01 Datasheet
94Kb / 2P
   SMPS Capacitors (SK Style) Commercial Radial Range
RM017A100JAN120 AVX-RM017A100JAN120 Datasheet
652Kb / 3P
   RoHS Compliant SMPS Stacked MLC Capacitors
SE01 AVX-SE01 Datasheet
92Kb / 2P
   SMPS Capacitors (SE Style) Extended Commercial Radial Range
3640HC183KAT9A AVX-3640HC183KAT9A Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com