Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16C77X Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16C77X
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
Download  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C77X Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16C77X_13 Datasheet HTML 7Page - Microchip Technology PIC16C77X_13 Datasheet HTML 8Page - Microchip Technology PIC16C77X_13 Datasheet HTML 9Page - Microchip Technology PIC16C77X_13 Datasheet HTML 10Page - Microchip Technology PIC16C77X_13 Datasheet HTML 11Page - Microchip Technology PIC16C77X_13 Datasheet HTML 12Page - Microchip Technology PIC16C77X_13 Datasheet HTML 13Page - Microchip Technology PIC16C77X_13 Datasheet HTML 14Page - Microchip Technology PIC16C77X_13 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 202 page
background image
PIC16C77X
 1999-2013 Microchip Technology Inc.
Advance Information
DS30275B-page 11
2.0
MEMORY ORGANIZATION
There are two memor y blocks in each of these
PICmicro® microcontrollers. Each block (Pro-
gram Memor y and Data Memor y) has its own bus
so that concurrent access can occur.
Additional information on device memory may be found
in the PICmicro
 Mid-Range Reference Manual,
(DS33023).
2.1
Program Memory Organization
The PIC16C77X PICmicros have a 13-bit program
counter capable of addressing an 8K x 14 program
memory space. Each device has 4K x 14 words of pro-
gram memory. Accessing a location above the physi-
cally implemented address will cause a wraparound.
The reset vector is at 0000h and the interrupt vector is
at 0004h.
FIGURE 2-1:
PROGRAM MEMORY MAP
AND STACK
2.2
Data Memory Organization
The data memory is partitioned into multiple banks
which contain the General Purpose Registers and the
Special Function Registers. Bits RP1 and RP0 are the
bank select bits.
= 00
 Bank0
= 01
 Bank1
= 10
 Bank2
= 11
 Bank3
Each bank extends up to 7Fh (128 bytes). The lower
locations of each bank are reserved for the Special
Function Registers. Above the Special Function Regis-
ters are General Purpose Registers, implemented as
static RAM. All implemented banks contain special
function registers. Some “high use” special function
registers from one bank may be mirrored in another
bank for code reduction and quicker access.
2.2.1
GENERAL PURPOSE REGISTER FILE
The register file can be accessed either directly, or indi-
rectly through the File Select Register FSR.
PC<12:0>
13
0000h
0004h
0005h
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip
CALL, RETURN
RETFIE, RETLW
Stack Level 2
Program
Memory
Page 0
Page 1
07FFh
0800h
0FFFh
1000h
3FFFh
RP1
RP0
(STATUS<6:5>)
774.book Page 11 Tuesday, January 29, 2013 12:02 PM


Similar Part No. - PIC16C77X_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C77X MICROCHIP-PIC16C77X Datasheet
4Mb / 200P
   28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
1999
More results

Similar Description - PIC16C77X_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C77X MICROCHIP-PIC16C77X Datasheet
4Mb / 200P
   28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
1999
PIC16C63A MICROCHIP-PIC16C63A Datasheet
1Mb / 184P
   28/40-Pin 8-Bit CMOS Microcontrollers
2000
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
2002
PIC16CR73 MICROCHIP-PIC16CR73 Datasheet
3Mb / 172P
   28/40-Pin, 8-Bit CMOS ROM Microcontrollers
2007
PIC16F87X MICROCHIP-PIC16F87X_01 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F87X MICROCHIP-PIC16F87X_98 Datasheet
1Mb / 200P
   28/40-pin 8-Bit CMOS FLASH Microcontrollers
1998
PIC16LF73-I MICROCHIP-PIC16LF73-I Datasheet
4Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
01/18/02
PIC16CR7X MICROCHIP-PIC16CR7X Datasheet
3Mb / 172P
   28/40-Pin, 8-Bit CMOS ROM Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com