Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCWF Datasheet(PDF) 11 Page - AVX Corporation

Part # LCWF
Description  Wire Wound Chip Inductor (Ferrite) LCWF Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCWF Datasheet(HTML) 11 Page - AVX Corporation

Back Button LCWF Datasheet HTML 4Page - AVX Corporation LCWF Datasheet HTML 5Page - AVX Corporation LCWF Datasheet HTML 6Page - AVX Corporation LCWF Datasheet HTML 7Page - AVX Corporation LCWF Datasheet HTML 8Page - AVX Corporation LCWF Datasheet HTML 9Page - AVX Corporation LCWF Datasheet HTML 10Page - AVX Corporation LCWF Datasheet HTML 11Page - AVX Corporation LCWF Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
41
ENVIRONMENTAL CHARACTERISTICS
Wire Wound Chip Inductor (Ferrite)
LCWF Series
ELECTRICAL PERFORMANCE TEST
Items
Requirement
Test Methods
Inductance
HP4291 or HP4284
Q
HP4291 or HP4284
SRF
Refer to standard electrical
HP4291
DC Resistance RDC
characteristic spec.
Agilent 34401A
Rated Current IDC
Applied the current to coils, The inductance change
should be less than 10% to initial value
MECHANICAL PERFORMANCE TEST
Items
Requirement
Test Methods
Solderability
The electrodes shall be at least 90%
Lead-free inductor: after fluxing(alpha 100 or equiv),
covered with new solder coating
inductor shall be dipped in a melted solder bath at
245 5 C, 5 0.5 seconds
Resistance to
Appearance: No damage
Pre-heating: 150°C, 1min.
Soldering Heat
Solder Temperature: 260±5°C
Immersion Time: 10±1 seconds
Vibration
Appearance: No damage
Test device shall be soldered on the substrate
L change: within±10% Q
Oscillation Frequency: 10 to 55 to 10Hz for 1 min.
change: within±30%
Amplitude: 1.5 mm
DCR: within specification
Time: 2 hrs for each axis (X, Y&Z), total 6 hrs
CLIMATIC TEST
Items
Requirement
Test Methods
One cycle:
Temperature Cycle
Total: 100 cycles
Measured after exposure in the room condition for 24 hrs
Temperature: 40±2°C
Damp Heat with Load
Appearance: No damage
Relative Humidity: 90 ~ 95%
L change: within±10% Q
Time: 1000 hrs
change: within±30%
Measured after exposure in the room condition for 24 hrs
DCR: within specification
Temperature: 85±3°C
Relative Humidity: 20%
High Temperature Storage
Applied Current: Rated Current
Time: 1000 hrs
Measured after exposure in the room condition for 24 hrs
Temperature: -25±3°C
Low Temperature Storage
Relative Humidity: 0% Time: 1000 hrs
Measured after exposure in the room condition for 24 hrs
Step
Temperature (°C)
Time (min.)
1
-25±3
30
2
25±2
15
3
125±3
30
4
25±2
15


Similar Part No. - LCWF

ManufacturerPart #DatasheetDescription
logo
C&K Components
LCW CK-COMPONENTS-LCW Datasheet
515Kb / 4P
   Subminiature Sealed Snap-acting Switches
26 Feb 19
logo
OSRAM GmbH
LCW-CP7P OSRAM-LCW-CP7P Datasheet
565Kb / 21P
   SMD ceramic package with silicon resin with lens
LCW-CP7P.PC OSRAM-LCW-CP7P.PC Datasheet
459Kb / 19P
   SMD ceramic package with silicon resin with lens
LCW-CPDP.PC OSRAM-LCW-CPDP.PC Datasheet
475Kb / 19P
   SMD ceramic package with silicon resin with lens
LCW-CQ7P.CC OSRAM-LCW-CQ7P.CC Datasheet
559Kb / 22P
   SMD ceramic package with silicon resin with lens
More results

Similar Description - LCWF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISM-2220 ABRACON-AISM-2220 Datasheet
948Kb / 2P
   MOLDED FERRITE WIRE WOUND CHIP INDUCTOR
09.09.10
AISC-0805-F ABRACON-AISC-0805-F Datasheet
1Mb / 3P
   WIRE WOUND INDUCTOR - CERAMIC or FERRITE
09.09.14
AISC-0805(F) ABRACON-AISC-0805(F) Datasheet
1Mb / 3P
   WIRE WOUND INDUCTOR - CERAMIC or FERRITE
04.15.11
logo
List of Unclassifed Man...
MCFT000148 ETC2-MCFT000148 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
logo
AVX Corporation
LCWC0402K101GTAR AVX-LCWC0402K101GTAR Datasheet
302Kb / 10P
   Wire Wound Chip Inductor
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
   WIRE-WOUND CHIP INDUCTOR
logo
WALSIN TECHNOLOGY CORPO...
WLFW1608 WALSIN-WLFW1608 Datasheet
280Kb / 6P
   Wire Wound Ferrite Chip Inductors
WLFW2012 WALSIN-WLFW2012 Datasheet
246Kb / 6P
   Wire Wound Ferrite Chip Inductors
WLFW2520 WALSIN-WLFW2520 Datasheet
291Kb / 6P
   Wire Wound Ferrite Chip Inductors
logo
Abracon Corporation
AISC-1008(F) ABRACON-AISC-1008(F) Datasheet
6Mb / 4P
   Wire Wound Inductor - Ceramic Or Ferrite Base
09.17.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com