Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSH188 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSH188
Description  Ultra High Sensitivity Hall Effect Latch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSH188 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSH188 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSH188 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSH188 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSH188 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSH188 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSH188 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSH188 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSH188 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSH188
Ultra High Sensitivity Hall Effect Latch
2/8
Version: C13
Block Diagram
Typical Application Circuit
Electrical Specifications (DC Operating Parameters:TA=+25
oC,V
CC=12V)
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage
Operating
2.5
--
24
V
Supply Current
B<BOP
--
--
5
mA
Output Saturation Voltage
IOUT=20mA,B>BOP
--
--
400
mV
Output Leakage Current
IOFF B<BRP, VOUT = 12V
--
--
10
uA
Internal Oscillator Chopper Frequency
--
69
--
kHz
Output Rise Time
RL=1.1K
Ω, CL=20pF
--
0.04
0.45
uS
Output Fall Time
RL=820
Ω; CL=20pF
--
0.18
0.45
uS
ESD
HBM
4
--
--
KV
Operate Point
5(-25)
--
25(-5)
Gauss
Release Point
-25(5)
--
-5(25)
Gauss
Hysteresis
--
30
--
Gauss
Note: 1G (Gauss) = 0.1mT (millitesta)
C1:10nF
C2:1nF
R1:1KΩ


Similar Part No. - TSH188

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSH181 TSC-TSH181 Datasheet
316Kb / 7P
   General Purpose Hall Effect Latch
More results

Similar Description - TSH188

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3382 DIODES-AH3382_18 Datasheet
752Kb / 14P
   HIGH VOLTAGE ULTRA HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 DIODES-AH3761_09 Datasheet
158Kb / 9P
   HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
logo
BCD Semiconductor Manuf...
AH920Z3-G1 BCDSEMI-AH920Z3-G1 Datasheet
444Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921_11 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Diodes Incorporated
AH920 DIODES-AH920 Datasheet
325Kb / 13P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH920 BCDSEMI-AH920 Datasheet
97Kb / 2P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921 Datasheet
629Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Nanjing Ouzhuo Technolo...
OH921 OHHALLSENSOR-OH921 Datasheet
206Kb / 5P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
OH920 OHHALLSENSOR-OH920 Datasheet
192Kb / 4P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Diodes Incorporated
AH921 DIODES-AH921 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com