Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1611 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG1611
Description  1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1611 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG1611 Datasheet HTML 4Page - Analog Devices ADG1611 Datasheet HTML 5Page - Analog Devices ADG1611 Datasheet HTML 6Page - Analog Devices ADG1611 Datasheet HTML 7Page - Analog Devices ADG1611 Datasheet HTML 8Page - Analog Devices ADG1611 Datasheet HTML 9Page - Analog Devices ADG1611 Datasheet HTML 10Page - Analog Devices ADG1611 Datasheet HTML 11Page - Analog Devices ADG1611 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG1611/ADG1612/ADG1613
Data Sheet
Rev. B | Page 8 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 6.
Parameter
Rating
VDD to VSS
18 V
VDD to GND
−0.3 V to +18 V
VSS to GND
+0.3 V to −18 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Digital Inputs1
GND − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Peak Current, S or D
630 mA (pulsed at 1 ms,
10% duty-cycle maximum)
Continuous Current, S or D2
Data + 15%
Operating Temperature Range
Industrial (Y Version)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
16-Lead TSSOP, θJA Thermal
Impedance (2-Layer Board)
150.4°C/W
16-Lead LFCSP, θJA Thermal
Impedance (4-Layer Board)
48.7°C/W
Reflow Soldering Peak
Temperature, Pb free
260°C
ESD CAUTION
1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should be
limited to the maximum ratings given.
2 See
.
Table 5


Similar Part No. - ADG1611

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BCPZ-REEL AD-ADG1604BCPZ-REEL Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BCPZ-REEL7 AD-ADG1604BCPZ-REEL7 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BRUZ AD-ADG1604BRUZ Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BRUZ-REEL AD-ADG1604BRUZ-REEL Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
More results

Similar Description - ADG1611

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
logo
Vishay Siliconix
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
   On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
Rev. A, 29-Feb-16
logo
Analog Devices
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADGS1612 AD-ADGS1612 Datasheet
380Kb / 29P
   SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
logo
Vishay Siliconix
DG9426E VISHAY-DG9426E_V01 Datasheet
302Kb / 14P
   1.6 ??On Resistance, 짹 5 V, 12 V, and 3 V Quad SPST Switches
01-Jan-2022
logo
Analog Devices
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com