Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WG82574LSLBA9 Datasheet(PDF) 9 Page - Intel Corporation

Part # WG82574LSLBA9
Description  64-bit address master support for systems using more than 4 GB of physical memory
Download  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

WG82574LSLBA9 Datasheet(HTML) 9 Page - Intel Corporation

Back Button WG82574LSLBA9 Datasheet HTML 5Page - Intel Corporation WG82574LSLBA9 Datasheet HTML 6Page - Intel Corporation WG82574LSLBA9 Datasheet HTML 7Page - Intel Corporation WG82574LSLBA9 Datasheet HTML 8Page - Intel Corporation WG82574LSLBA9 Datasheet HTML 9Page - Intel Corporation WG82574LSLBA9 Datasheet HTML 10Page - Intel Corporation WG82574LSLBA9 Datasheet HTML 11Page - Intel Corporation WG82574LSLBA9 Datasheet HTML 12Page - Intel Corporation WG82574LSLBA9 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 472 page
background image
9
Datasheet—82574 GbE Controller
Revision History
Date
Revision Description
April 2009
2.5
Updated sections 4.5.2, 7.1, 10.2.2.15, 12.6, 13.5.1, and 13.5.5.4.
February 2009
2.4
Updated sections 6.3.1.3, 10.2.3.11, and 10.2.8.8.
Updated table 66.
December 2008
2.3
Added section 8.12.2.3 - Set Intel Management Control Formats.
Added section 8.12.3.4 - Get Intel Management Control Formats.
Added section 10.2.3.12 - 3GPIO Control Register 2 - GCR2.
Updated section 13.1.4 - PCIe Routing.
Updated section 13.10 - Added “The XOR tree is output on the LED1 pin”.
Updated table 97 - Schematic Checklist.
October 2008
2.2
Changed PCIe Rev. 2.0 (2.5 GHz) x1 to PCIe Rev. 1.1 (2.5 GHz) x1 in Section 1.0.
Added multi-drop application connectivity requirements to Section 13.6.1.2.
August 2008
2.1
Updated title page - changed packet buffer size from 32 KB to 40 KB.
Updated section 15 - corrected NC-SI schematic checklist information.
Updated reference schematics - corrected NC-SI schematic information.
June 2008
2.0
Initial public release.
February 2008
1.7
Updated section 5.2.
Added a note to Table 31.
Updated section 13.5.5.13.
Added 82574IT ordering information.
February 2008
1.6
Quick fix provided which added Measured Power Consumption (Section 5.2). This is a temporary patch. Note
that the fix does not appear in the TOC or list of tables yet. This will be corrected next week.
January 2008
1.5
Changed section 10.2.2.2 bit 31 assignment from 1b to 0b.
Changed word 0x0F bit 7 bit assignment (1b to 0b).
Added new Section 14 “Thermal Design Considerations”.
Updated MNG Mode description (loads from NVM work 0xF instead of word 10.
Updated the 82574L Resets table.
Added note “The 82574L requests I/O resources to support pre-boot operation (prior to the allocation of
physical memory base addresses”.
Updated CAP Offset 0xE4 bit 15 description.
Updated default values for Uncorrectable Error Severity and Correctable Error Mask registers.
Updated Figure 52.
Updated VALUE1 and VALUE2 byte numbers in Section 10.2.8.19.
Changed crystal drive level to 300 W.
Changed all 1.0 V dc references to 1.05 V dc.
Changed all 1.8 V dc references to 1.9 V dc.
Deleted “Default value of 0x5F20 and 0x5F28 are loaded from the NVM at power up" from the FFLT register
description.
Added a note for EITR that in 10/100 Mb/s mode, the interval time is multiplied by four.
Updated the type and internal/external PU/PD for NC-SI pins.
Updated the NVMT pinout description.
Updated MNG_Mode to be loaded from NVM word 0x0F (instead of NVM word 0x10).
Updated default values for Uncorrectable Error Severity and Correctable Error Mask registers.
Updated section 9.1.6.1.7. Where applicable, changed milliseconds to micro seconds (bits 14:12 and 17:15).
Removed WUPL register information.
Noted that manageability can be supported with a 32 Kb EEPROM.
November 2007
1.1
Updated NVMT symbol description in Section 2.3.4, Table 10.
October 2007
1.0
Updated Sections 2, 3, 4, 5, 9, 12, and 13; as indicated by the change bars in the left margin.
August 2007
0.7
Updated Sections 2, 3, 5, 6, 8, 10, and 12.
Added Sections 13, 14, 15, and 16.
July 2007
0.6
Added Section 12.0 “Electrical Specifications”.
Updated Section 2.0 “Pin Interface”.
June 2007
0.5
Initial release (Intel Confidential).


Similar Part No. - WG82574LSLBA9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WG8026S ETC1-WG8026S Datasheet
463Kb / 4P
   GATE TURN THYRISTORS
WG8046S ETC1-WG8046S Datasheet
463Kb / 4P
   GATE TURN THYRISTORS
logo
ATGBICS by Approved Tec...
WG8583-C ATGBICS-WG8583-C Datasheet
374Kb / 10P
   WG8583 WatchGuard Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - WG82574LSLBA9

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN29V25611AT-50 RENESAS-HN29V25611AT-50 Datasheet
351Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29W12811 HITACHI-HN29W12811 Datasheet
315Kb / 42P
   128M AND type Flash Memory More than 8,029-sector (135,657,984-bit)
HN29W25611 HITACHI-HN29W25611 Datasheet
347Kb / 43P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Renesas Technology Corp
HN29V25611AT-50H RENESAS-HN29V25611AT-50H Datasheet
349Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29V51211 HITACHI-HN29V51211 Datasheet
306Kb / 42P
   512M AND type Flash Memory More than 32,113-sector (542,581,248-bit)
HN29W25611T HITACHI-HN29W25611T Datasheet
331Kb / 42P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Renesas Technology Corp
HN29V102414 RENESAS-HN29V102414 Datasheet
352Kb / 48P
   1G AND type Flash Memory More than 32,113-sector (542,581,248-bit) x 2
logo
Axiomtek Co., Ltd.
SHB100 AXIOMTEK-SHB100 Datasheet
139Kb / 1P
   2 DDR2 DIMM support up to 4 GB memory
logo
STMicroelectronics
AN4658 STMICROELECTRONICS-AN4658 Datasheet
402Kb / 24P
   For more and more applications using STM32 products
logo
Cypress Semiconductor
S34ML01G2 CYPRESS-S34ML01G2 Datasheet
7Mb / 76P
   1 Gb, 2 Gb, 4 Gb, 3 V, 4-bit ECC, SLC NAND Flash Memory for Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com