Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80C196MC Datasheet(PDF) 3 Page - Intel Corporation

Part # S80C196MC
Description  8XC196MC INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C196MC Datasheet(HTML) 3 Page - Intel Corporation

  S80C196MC Datasheet HTML 1Page - Intel Corporation S80C196MC Datasheet HTML 2Page - Intel Corporation S80C196MC Datasheet HTML 3Page - Intel Corporation S80C196MC Datasheet HTML 4Page - Intel Corporation S80C196MC Datasheet HTML 5Page - Intel Corporation S80C196MC Datasheet HTML 6Page - Intel Corporation S80C196MC Datasheet HTML 7Page - Intel Corporation S80C196MC Datasheet HTML 8Page - Intel Corporation S80C196MC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
8XC196MC
PROCESS INFORMATION
This device is manufactured on PX295 a CHMOS
III-E process Additional process and reliability infor-
mation is available in
the
Intel® Quality
System Handbook.
270946 – 16
EXAMPLE
N87C196MC is 84-Lead PLCC OTPROM
16 MHz
For complete package dimensional data refer to the
Intel Packaging Handbook (Order Number 240800)
NOTE
1 EPROMs are available as One Time Programmable
(OTPROM) only
Figure 3 The 8XC196MC Family Nomenclature
Thermal Characteristics
Package
ija
ijc
Type
PLCC
35 CW
13 CW
QFP
56 CW
12 CW
SDIP
TBD
TBD
All thermal impedance data is approximate for static air
conditions at 1W of power dissipation Values will change
depending on operation conditions and application See
the Intel
Packaging Handbook (order number 240800) for a
description of Intel’s thermal impedance test methodology
8XC196MC Memory Map
Description
Address
External Memory or IO
0FFFFH
06000H
Internal ROMEPROM or External
5FFFH
Memory (Determined by EA)
2080H
Reserved Must contain FFH
207FH
(Note 5)
205EH
PTS Vectors
205DH
2040H
Upper Interrupt Vectors
203FH
2030H
ROMEPROM Security Key
202FH
2020H
Reserved Must contain FFH
201FH
(Note 5)
201CH
Reserved Must Contain 20H
201BH
(Note 5)
CCB1
201AH
Reserved Must Contain 20H
2019H
(Note 5)
CCB0
2018H
Reserved Must contain FFH
2017H
(Note 5)
2014H
Lower Interrupt Vectors
2013H
2000H
SFR’s
1FFFH
1F00H
External Memory
1EFFH
0200H
488 Bytes Register RAM (Note 1)
01FFH
0018H
CPU SFR’s (Notes 1 3)
0017H
0000H
NOTES
1 Code executed in locations 0000H to 03FFH will be
forced external
2 Reserved memory locations must contain 0FFH unless
noted
3 Reserved SFR bit locations must contain 0
4 Refer to 8XC196KC for SFR descriptions
5 WARNING Reserved memory locations must not be
written or read The contents andor function of these lo-
cations may change with future revisions of the device
Therefore a program that relies on one or more of these
locations may not function properly
3


Similar Part No. - S80C196MC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S80C196MH INTEL-S80C196MH Datasheet
1Mb / 41P
   INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
More results

Similar Description - S80C196MC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EE87C196MC INTEL-EE87C196MC Datasheet
360Kb / 22P
   8XC196MC INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
N80C196MC INTEL-N80C196MC Datasheet
360Kb / 22P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
EG87C196MC INTEL-EG87C196MC Datasheet
360Kb / 22P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
87C196MD INTEL-87C196MD Datasheet
1Mb / 25P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
8XC196MC INTEL-8XC196MC Datasheet
321Kb / 22P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
8XC196MD INTEL-8XC196MD Datasheet
325Kb / 25P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
EE80C196MC INTEL-EE80C196MC Datasheet
360Kb / 22P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
8XC196MH INTEL-8XC196MH Datasheet
1Mb / 41P
   INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
U87C196MH INTEL-U87C196MH Datasheet
436Kb / 41P
   8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
EG80C196MH INTEL-EG80C196MH Datasheet
436Kb / 41P
   8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com