Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5225555-5 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 5225555-5
Description  PLUG, DUAL CRIMP, TNC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5225555-5 Datasheet(HTML) 1 Page - Tyco Electronics

  5225555-5 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 5225555-5

ManufacturerPart #DatasheetDescription
logo
Sensitron
5225 SENSITRON-5225 Datasheet
213Kb / 2P
   DESCRIPTION: A 1000 VOLT, 40 AMP, 200 NANOSECOND DOUBLER ASSEMBLY
logo
Amphenol Corporation
5225 AMPHENOL-5225 Datasheet
77Kb / 1P
   Straight, Plug to Plug or Plug to Jack
logo
Tyco Electronics
5225395-1 MACOM-5225395-1 Datasheet
960Kb / 34P
   BNC Connectors (50 ohm/75 ohm)
logo
TE Connectivity Ltd
5225395-1 TEC-5225395-1 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
5225395-2 MACOM-5225395-2 Datasheet
960Kb / 34P
   BNC Connectors (50 ohm/75 ohm)
More results

Similar Description - 5225555-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
108-12001 TEC-108-12001 Datasheet
884Kb / 13P
   TNC Series Coaxial Connectors Dual Crimp Type
logo
Pomona Electronics
73056 POMONA-73056 Datasheet
134Kb / 2P
   TNC Plug, 50 Ohm, Crimp Type, RG58, 141
73057 POMONA-73057 Datasheet
142Kb / 2P
   TNC Plug, 50 Ohm, Crimp Type, RG59, 62
logo
List of Unclassifed Man...
CPMC-TNC-13 ETC2-CPMC-TNC-13 Datasheet
116Kb / 2P
   TNC Straight Crimp Type Plug - Solder or Crimp Contact - 3 Piece
logo
Amphenol Corporation
031-2315-RFX AMPHENOL-031-2315-RFX Datasheet
512Kb / 1P
   TNC CRIMP CRIMP PLUG FOR RG-174, 188&316 CABLE, 50 OHM
logo
Winchester Electronics ...
SD125-89-9 WINCHESTER-SD125-89-9 Datasheet
60Kb / 1P
   PLUG TNC
SDKA-59-435 WINCHESTER-SDKA-59-435 Datasheet
59Kb / 1P
   PLUG, TNC
SDKA-59-267 WINCHESTER-SDKA-59-267 Datasheet
61Kb / 1P
   PLUG, TNC
KA-59-185 WINCHESTER-KA-59-185 Datasheet
78Kb / 1P
   TNC, PLUG
SDKA-59-290 WINCHESTER-SDKA-59-290 Datasheet
81Kb / 1P
   TNC PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com