Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB6DV3BB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # XB6DV3BB
Description  Harmony??XB6/ZB6 16 mm push buttons
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XB6DV3BB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  XB6DV3BB Datasheet HTML 1Page - List of Unclassifed Manufacturers XB6DV3BB Datasheet HTML 2Page - List of Unclassifed Manufacturers XB6DV3BB Datasheet HTML 3Page - List of Unclassifed Manufacturers XB6DV3BB Datasheet HTML 4Page - List of Unclassifed Manufacturers XB6DV3BB Datasheet HTML 5Page - List of Unclassifed Manufacturers XB6DV3BB Datasheet HTML 6Page - List of Unclassifed Manufacturers XB6DV3BB Datasheet HTML 7Page - List of Unclassifed Manufacturers XB6DV3BB Datasheet HTML 8Page - List of Unclassifed Manufacturers XB6DV3BB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
HarmonyXB6/ZB6
16 mm push buttons
Description
The 16 mm range of double insulated control and signaling units is comprised of:
Complete units
XB6 push buttons,
switches and pilot lights
XB6D with rectangular head
XB6C with square head
XB6A with circular head
Sub-assemblies
for user assembly
ZB6 push buttons,
switches and pilot lights
Body + head sub-assemblies
ZB6D with rectangular head
ZB6C with square head
ZB6A with circular head
ZB component parts
and accessories
Any of the push buttons,
switches or pilot lights in the
range may be adapted by
replacing certain component
parts, such as:
For heads
Caps or lenses
b
Pre-printed legends
b
Link enabling operation of
b
the 3rd contact (cannot be
fitted on illuminated push
buttons)
For bodies
LED, incandescent and
b
neon bulbs
N/C or N/O contact blocks,
b
max. 3 contacts per block,
with quick connector or for
printed circuit board
Silver or gold flashed N/C or
b
N/O contact blocks
Product range
Introduction:
page 4
Specifications:
page 10
Assembled products:
page 12
References:
page 15
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com


Similar Part No. - XB6DV3BB

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XB6DV3BB SCHNEIDER-XB6DV3BB Datasheet
118Kb / 5P
   16mm push button, Harmony XB6, pilot light, rectangular green lens, integral 12/24V LED light module
More results

Similar Description - XB6DV3BB

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BA2TQ SCHNEIDER-ZB4BA2TQ_V01 Datasheet
348Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
ZB4BW463 SCHNEIDER-ZB4BW463_V01 Datasheet
351Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AP3S SCHNEIDER-ZB5AP3S_V01 Datasheet
358Kb / 9P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 12, 2022
ZB4BD2TQ SCHNEIDER-ZB4BD2TQ_V01 Datasheet
343Kb / 9P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AD912 SCHNEIDER-ZB5AD912 Datasheet
177Kb / 4P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 11, 2022
ZB4BP2S SCHNEIDER-ZB4BP2S_V01 Datasheet
341Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 11, 2022
ZB4BS5540 SCHNEIDER-ZB4BS5540_V01 Datasheet
106Kb / 2P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
XB6AW1G1B SCHNEIDER-XB6AW1G1B Datasheet
96Kb / 3P
   Complete illuminated push button, Harmony XB6, Complete illuminated push button, Harmony XB6, return 1 NO 48...120 V
logo
Allen-Bradley
800EP-MTS44 ALLEN-BRADLEY-800EP-MTS44 Datasheet
161Kb / 7P
   Push Buttons
logo
Schneider Electric
XACA201 SCHNEIDER-XACA201 Datasheet
93Kb / 5P
   Harmony, pendant station, pistol grip, yellow, 2 push buttons
Aug 15, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com