Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB6DF4B5B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # XB6DF4B5B
Description  Harmony??XB6/ZB6 16 mm push buttons
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XB6DF4B5B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button XB6DF4B5B Datasheet HTML 6Page - List of Unclassifed Manufacturers XB6DF4B5B Datasheet HTML 7Page - List of Unclassifed Manufacturers XB6DF4B5B Datasheet HTML 8Page - List of Unclassifed Manufacturers XB6DF4B5B Datasheet HTML 9Page - List of Unclassifed Manufacturers XB6DF4B5B Datasheet HTML 10Page - List of Unclassifed Manufacturers XB6DF4B5B Datasheet HTML 11Page - List of Unclassifed Manufacturers XB6DF4B5B Datasheet HTML 12Page - List of Unclassifed Manufacturers XB6DF4B5B Datasheet HTML 13Page - List of Unclassifed Manufacturers XB6DF4B5B Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10
HarmonyXB6/ZB6
16 mm push buttons
Environmental specifications
Conforming to standards
Marked
IEC 60947-1, IEC 60947-5-1, IEC 60947-5-4,
EN 60947-5-1, JIS C 4520 and 852, UL 508,
CSA C22.2 No. 14, RoHS compliant (Reduction of
Hazardous Substances)
Product certifications
File E164353
File LR 44087
CCN NKCR
Class 3211 03
UL, CSA
ASE, BV, JIS, RINA, LROS, DNV, GL: pending
Protective treatment
standard version
“TC”
Ambient air temperature
around the device
Storage
°C (°F) - 40 to +70 (- 40 to +158)
Operation
°C (°F) - 25 to +70 (-13 to +158)
Vibration resistance
Conforming to IEC 60068-2-6
(2 to 500 Hz) 3 mm peak to peak or 5 gn
Shock resistance
Conforming to IEC 60068-2-27
Half sine wave 18 ms, 30 gn
Half sine wave 11 ms, 50 gn
Electric shock protection
Conforming to IEC 60536 & NF C 20-030
Class II
Degree of protection
Conforming to IEC 60529 & NF C 20-010
Conforming to UL 50 & CSAC22.2 No. 94
IP 65
Type 1, 4, 4X and 12 (not for key selector switches)
Mechanical durability
(in operating cycles)
Spring return push buttons
2 million
Maintained push buttons
300,000
Key operated selector switches
200,000
Handle operated selector switches
500,000
Mounting positions
All
Electrical specifications of LED pilot lights
Voltage limits
6 - 30 Vac/Vdc
Current draw
mA
15
Surge withstand
Conforming to IEC 61000-4-5
kV
2/1
Resistance to fast transients
Conforming to IEC 61000-4-4
kV
2
Resistance to electromagnetic fields
Conforming to IEC 61000-4-3
V/m
10
Resistance to electrostatic discharges
Conforming to IEC 61000-4-2
kV
8/6
Electromagnetic emission
Conforming to IEC 55011
Class B
Service life
At nominal voltage and 25 °C ambient
100,000 hrs
Specifications
Product range:
page 5
Assembled products:
page 12
References:
page 15
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com


Similar Part No. - XB6DF4B5B

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XB6DF4B5B SCHNEIDER-XB6DF4B5B Datasheet
133Kb / 5P
   Complete illuminated push button, Harmony XB6, red rectangular flush illum pushbutton 횠 16 latching 1NO1NC 12..24 V
More results

Similar Description - XB6DF4B5B

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BA2TQ SCHNEIDER-ZB4BA2TQ_V01 Datasheet
348Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
ZB4BW463 SCHNEIDER-ZB4BW463_V01 Datasheet
351Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AP3S SCHNEIDER-ZB5AP3S_V01 Datasheet
358Kb / 9P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 12, 2022
ZB4BD2TQ SCHNEIDER-ZB4BD2TQ_V01 Datasheet
343Kb / 9P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AD912 SCHNEIDER-ZB5AD912 Datasheet
177Kb / 4P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 11, 2022
ZB4BP2S SCHNEIDER-ZB4BP2S_V01 Datasheet
341Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 11, 2022
ZB4BS5540 SCHNEIDER-ZB4BS5540_V01 Datasheet
106Kb / 2P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
XB6AW1G1B SCHNEIDER-XB6AW1G1B Datasheet
96Kb / 3P
   Complete illuminated push button, Harmony XB6, Complete illuminated push button, Harmony XB6, return 1 NO 48...120 V
logo
Allen-Bradley
800EP-MTS44 ALLEN-BRADLEY-800EP-MTS44 Datasheet
161Kb / 7P
   Push Buttons
logo
Schneider Electric
XACA201 SCHNEIDER-XACA201 Datasheet
93Kb / 5P
   Harmony, pendant station, pistol grip, yellow, 2 push buttons
Aug 15, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com