Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1653 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1653
Description  750 kHz Boost Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1653 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1653 Datasheet HTML 1Page - Microchip Technology MCP1653 Datasheet HTML 2Page - Microchip Technology MCP1653 Datasheet HTML 3Page - Microchip Technology MCP1653 Datasheet HTML 4Page - Microchip Technology MCP1653 Datasheet HTML 5Page - Microchip Technology MCP1653 Datasheet HTML 6Page - Microchip Technology MCP1653 Datasheet HTML 7Page - Microchip Technology MCP1653 Datasheet HTML 8Page - Microchip Technology MCP1653 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
 2004-2013 Microchip Technology Inc.
DS21876B-page 5
MCP1650/51/52/53
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VIN TO GND........................................................... 6.0V
CS,FB,LBI,LBO,SHDN,PG,EXT ............ GND – 0.3V to
VIN + 0.3V
Current at EXT pin ................................................ ±1A
Storage temperature .......................... -65°C to +150°C
Operating Junction Temperature........ -40°C to +125°C
ESD protection on all pins
 4kV HBM
† Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, all parameters apply at VIN = +2.7V to +5.5V, SHDN =High,
TJ = -40°C to +125°C. Typical values apply for VIN = 3.3V, TA +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Characteristics
Supply Voltage
VIN
2.7
5.5
V
Undervoltage Lockout
(S Option)
UVLO
2.4
2.55
2.7
V
VIN rising edge
Under Voltage Lockout
(R Option)
UVLO
1.85
2.0
2.15
V
VIN rising edge
Undervoltage Hysteresis
UVLOHYST
—117
mV
Shutdown Supply Current
ISHD
0.001
1
µA
SHDN = GND
Quiescent Supply Current
IQ
120
220
µA
EXT = Open
Soft Start Time
TSS
—500
µs
Feedback Characteristics
Feedback Voltage
VFB
1.18
1.22
1.26
V
All conditions
Feedback Comparator
Hysteresis
VHYS
—12
23
mV
Feedback Input Bias Current
IFBlk
-50
50
nA
VFB < 1.3V
Current Sense Input
Current Sense Threshold
ISNS-TH
75
114
155
mV
Delay from Current Sense to
Output
Tdly_ISNS
—80
ns
Ext Drive
EXT Driver ON Resistance
(High Side)
RHIGH
—8
18
EXT Driver ON Resistance
(Low Side)
RLOW
—4
12
Oscillator Characteristics
Switching Frequency
FOSC
650
750
850
kHz
Low Duty Cycle Switch-Over
Voltage
VLowDuty
—3.8
V
VIN rising edge
Duty Cycle Switch Voltage
Hysteresis
DCHyst
—92
mV
Low Duty Cycle
DCLOW
50
56
62
%
High Duty Cycle
DCHIGH
72
80
88
%


Similar Part No. - MCP1653

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1653 MICROCHIP-MCP1653 Datasheet
582Kb / 28P
   750 kHz Boost Controller
2004
MCP1653 MICROCHIP-MCP1653 Datasheet
863Kb / 20P
   Adding Intelligence to Lighting Applications
Summer 2010
MCP1653R-E/UN MICROCHIP-MCP1653R-E/UN Datasheet
483Kb / 30P
   750 kHz Boost Controller
11/29/12
MCP1653REMS MICROCHIP-MCP1653REMS Datasheet
582Kb / 28P
   750 kHz Boost Controller
2004
MCP1653REUN MICROCHIP-MCP1653REUN Datasheet
582Kb / 28P
   750 kHz Boost Controller
2004
More results

Similar Description - MCP1653

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1651S-E-MS MICROCHIP-MCP1651S-E-MS Datasheet
483Kb / 30P
   750 kHz Boost Controller
11/29/12
MCP1650 MICROCHIP-MCP1650 Datasheet
582Kb / 28P
   750 kHz Boost Controller
2004
logo
MTRONPTI
SF1001 MTRONPTI-SF1001 Datasheet
340Kb / 2P
   140 MHz 750 kHz SAW Filter
logo
Tyco Electronics
TP-104 MACOM-TP-104 Datasheet
106Kb / 1P
   RF Pulse Transformer 750 kHz - 400 MHz
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171_11 Datasheet
238Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2011 ??Rev. 4
CS5171 ONSEMI-CS5171 Datasheet
184Kb / 22P
   1.5 A 280 kHz/560 kHz Boost Regulators
June, 2004 ??Rev. 20
NCP1442 ONSEMI-NCP1442 Datasheet
163Kb / 20P
   4.0 A 280 kHz/560 kHz Boost Regulators
October, 2004 ??Rev. 7
logo
M/A-COM Technology Solu...
TP-104 MA-COM-TP-104 Datasheet
60Kb / 2P
   RF Pulse Transformer, 750 KHz - 400 MHz
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171_10 Datasheet
262Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 4
CS5171 ONSEMI-CS5171_10 Datasheet
283Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com