Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZEN-20C2DT-D-V2 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # ZEN-20C2DT-D-V2
Description  Programmable Relay ZEN V2 Units
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZEN-20C2DT-D-V2 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button ZEN-20C2DT-D-V2 Datasheet HTML 7Page - Omron Electronics LLC ZEN-20C2DT-D-V2 Datasheet HTML 8Page - Omron Electronics LLC ZEN-20C2DT-D-V2 Datasheet HTML 9Page - Omron Electronics LLC ZEN-20C2DT-D-V2 Datasheet HTML 10Page - Omron Electronics LLC ZEN-20C2DT-D-V2 Datasheet HTML 11Page - Omron Electronics LLC ZEN-20C2DT-D-V2 Datasheet HTML 12Page - Omron Electronics LLC ZEN-20C2DT-D-V2 Datasheet HTML 13Page - Omron Electronics LLC ZEN-20C2DT-D-V2 Datasheet HTML 14Page - Omron Electronics LLC ZEN-20C2DT-D-V2 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Programmable Relay
ZEN V2 Units
11
■ Output Specifications (CPU Units and Expansion I/O Units)
Units with Relay Outputs
Units with Transistor Outputs
Item
Specifications
Circuit drawing
Maximum switching capacity 250 VAC/8 A (resistive load: cos
φ = 1)
24 VDC/5 A (resistive load)
Use the following values for the total of all outputs.
CPU Units with 10 I/O points: 20 A max.
(15 A max. for Communications-type CPU Units)
CPU Units with 20 I/O points: 40 A max.
Expansion I/O Units:
20 A max.
Minimum switching capacity 5 VDC/10 mA (resistive load)
Relay life
Electrical
Resistive load: 50,000 times (cos
φ = 1)
Inductive load: 50,000 times (cos
φ = 0.4)
Mechanical
10 million times
ON response time
15 ms max.
OFF response time
5 ms max.
Item
Specifications
Circuit drawing
Maximum switching capacity 24 VDC +20%, 500 mA
Each circuit is configured with an independent common
circuit
Leakage current
0.1 mA max.
Residual voltage
1.5 V max.
ON response time
1 ms max.
OFF response time
1 ms max.
Q0 to Q3/OUT0 to OUT3
Q4/Q6
COM
Q5/Q7
Models with
20 I/O points
only
L
L
L
1,000
300
100
10
02
4
6
8
10
Contact current (A)
30
50
500
250-VAC resistive load
24-VDC resistive load/
250-VAC inductive load
24-VDC inductive load
(t = 7 ms)
The life under the worst conditions, of the output contacts used in
ZEN relay outputs is given in the above table. Guidelines for the
normal life of the relays are shown in the diagram on the right.
Life-test Curve (Reference Value)
Usage: 360 times/hour
Note: The switching capacity, switching durability, and applicable
load area when actually using the relay depend on the type of
load, environmental conditions, and switching conditions.
Therefore, be sure to confirm these conditions for the actual
machine before use.
Q0 to Q3/OUT0 to OUT3
Models with
20 I/O points
only
390
COM
Q4/Q6
Q5/Q7
28.8 VDC max.
28.8 VDC max.
L
L
L
L
1 k
+
Internal
circuit


Similar Part No. - ZEN-20C2DT-D-V2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZEN-20C2DT-D-V2 OMRON-ZEN-20C2DT-D-V2 Datasheet
1Mb / 36P
   Programmable Relay
More results

Similar Description - ZEN-20C2DT-D-V2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU-1316 DATADELAY-PDU-1316 Datasheet
84Kb / 1P
   Digitally Programmable Delay Units
logo
Omron Electronics LLC
ZEN-10C1AR-A-V2 OMRON-ZEN-10C1AR-A-V2 Datasheet
1Mb / 36P
   Programmable Relay
logo
JFW Industries, Inc.
50P-1304 JFW-50P-1304 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1633 JFW-50P-1633 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-089 JFW-75P-089 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-542 JFW-50P-542 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-847 JFW-50P-847 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-022+12 JFW-75P-022+12 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-2033 JFW-50P-2033 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1224 JFW-50P-1224 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com