Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6236FP Datasheet(PDF) 5 Page - Rohm

Part # BD6236FP
Description  DC Brush Motor Drivers (36V max.)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6236FP Datasheet(HTML) 5 Page - Rohm

  BD6236FP Datasheet HTML 1Page - Rohm BD6236FP Datasheet HTML 2Page - Rohm BD6236FP Datasheet HTML 3Page - Rohm BD6236FP Datasheet HTML 4Page - Rohm BD6236FP Datasheet HTML 5Page - Rohm BD6236FP Datasheet HTML 6Page - Rohm BD6236FP Datasheet HTML 7Page - Rohm BD6236FP Datasheet HTML 8Page - Rohm BD6236FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Datasheet
Datasheet
5/22
BD623xxx Series
TSZ02201-0P2P0B300090-1-2
25.Dec.2012 Rev.002
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Block Diagrams / Pin Configurations / Pin Descriptions - Continued
BD6237FM
Fig.11
BD6237FM
Fig.12
HSOP-M28 (TOP VIEW)
Table 6
BD6237FM
Pin
Name
Function
1,2
OUT1A
Driver output
3,4
RNF A
Power stage ground
6,7
OUT2A
Driver output
8
GND
Small signal ground
9
VREFA
Duty setting pin
10
RINA
Control input (reverse)
11
FINA
Control input (forward)
12
VCC
Power supply
13,14
VCC
Power supply
15,16
OUT1B
Driver output
17,18
RNFB
Power stage ground
20,21
OUT2B
Driver output
22
GND
Small signal ground
23
VREFB
Duty setting pin
24
RINB
Control input (reverse)
25
FINB
Control input (forward)
26
VCC
Power supply
27,28
VCC
Power supply
FIN
GND
Ground
Note: All pins not described above are NC pins.
Note: Use all VCC pin by the same voltage.
OUT1A
OUT1A
GND
RNFA
RNFA
NC
OUT2A
OUT2A
GND
VREFA
RINA
FINA
VCC
VCC
VCC
VCC
VCC
GND
VCC
FINB
RINB
VREFB
GND
OUT2B
OUT2B
NC
RNFB
RNFB
OUT1B
OUT1B
26
28
11
10
CTRL
PROTECT
FINA
RINA
VCC
VCC
3
RNFA
9
VREFA
DUTY
2
OUT1A
6
OUT2A
22
GND
12
14
25
24
CTRL
PROTECT
FINB
RINB
VCC
VCC
17
RNFB
23
VREFB
DUTY
16
OUT1B
20
OUT2B
8
GND
FIN
GND
1
7
4
27
13
15
21
18


Similar Part No. - BD6236FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6236FP-E2 ROHM-BD6236FP-E2 Datasheet
1Mb / 28P
   DC Brush Motor Drivers
More results

Similar Description - BD6236FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD62321HFP-TR ROHM-BD62321HFP-TR Datasheet
506Kb / 16P
   DC Brush Motor Drivers (36V max.)
BD62120AEFJ ROHM-BD62120AEFJ Datasheet
1Mb / 18P
   36V 1ch DC Brush Motor Drivers
2017.06.21 Rev.001
BD621X-E ROHM-BD621X-E Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
BD622X-E ROHM-BD622X-E Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
   DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
   DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com