Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24AA02UID Datasheet(PDF) 3 Page - Microchip Technology

Part # 24AA02UID
Description  2K I2C??Serial EEPROMs with Unique 32-bit Serial Number
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA02UID Datasheet(HTML) 3 Page - Microchip Technology

  24AA02UID Datasheet HTML 1Page - Microchip Technology 24AA02UID Datasheet HTML 2Page - Microchip Technology 24AA02UID Datasheet HTML 3Page - Microchip Technology 24AA02UID Datasheet HTML 4Page - Microchip Technology 24AA02UID Datasheet HTML 5Page - Microchip Technology 24AA02UID Datasheet HTML 6Page - Microchip Technology 24AA02UID Datasheet HTML 7Page - Microchip Technology 24AA02UID Datasheet HTML 8Page - Microchip Technology 24AA02UID Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
 2013 Microchip Technology Inc.
DS20005202A-page 3
24AA02UID/24AA025UID
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ..........................................................................................................-0.3V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied..................................................................................................-40°C to +85°C
ESD protection on all pins
 4kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C, VCC = +1.7V to +5.5V
Param.
No.
Sym.
Characteristic
Min.
Typ.
Max.
Units
Conditions
SCL, SDA, A0, A1, and
A2 pins
——
D1
VIH
High-level Input Voltage
0.7 VCC
——
V
D2
VIL
Low-level Input Voltage
0.3 VCC
V—
D3
VHYS
Hysteresis of Schmitt
Trigger inputs
0.05 VCC
——
V
(Note)
D4
VOL
Low-level Output Voltage
0.40
V
IOL = 3.0 mA, VCC = 2.5V
D5
ILI
Input Leakage Current
——
±1
AVIN = VSS or VCC
D6
ILO
Output Leakage Current
——
±1
AVOUT = VSS or VCC
D7
CIN,
COUT
Pin Capacitance
(all inputs/outputs)
——
10
pF
VCC = 5.0V (Note)
TA = 25°C, FCLK = 1 MHz
D8
ICC write Operating Current
—0.1
3
mA
VCC = 5.5V, SCL = 400 kHz
D9
ICC read
0.05
1
mA
D10
ICCS
Standby Current
—0.01
1

Industrial
SDA = SCL = VCC
A0, A1, A2 = VSS
Note:
This parameter is periodically sampled and not 100% tested.


Similar Part No. - 24AA02UID

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA02 MICROCHIP-24AA02 Datasheet
74Kb / 12P
   1K/2K 1.8V I 2 C O Serial EEPROMs
1996
24AA02 MICROCHIP-24AA02 Datasheet
337Kb / 24P
   2K I2C Serial EEPROM
2003
24AA02 MICROCHIP-24AA02 Datasheet
401Kb / 26P
   2K I2C??Serial EEPROM
2007
24AA02 MICROCHIP-24AA02 Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02 Datasheet
324Kb / 26P
   2K I2C Serial EEPROM
12/08/06
More results

Similar Description - 24AA02UID

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11AA02UID MICROCHIP-11AA02UID Datasheet
666Kb / 32P
   2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
11/29/12
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
24AA025E48-I MICROCHIP-24AA025E48-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48??Node Identity
01/05/10
24AA025E48 MICROCHIP-24AA025E48 Datasheet
513Kb / 28P
   2K I2C??Serial EEPROMs with EUI-48??Node Identity
2010
logo
KODENSHI_AUK CORP.
KK24LC02B KODENSHI-KK24LC02B Datasheet
265Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
logo
Rohm
BR24L01A-W ROHM-BR24L01A-W_07 Datasheet
1Mb / 17P
   I2C BUS Serial EEPROMs
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
49Kb / 10P
   2K-Bit I2C Serial EEPROM, Serial Presence Detect
logo
ATMEL Corporation
AT24MAC602 ATMEL-AT24MAC602_14 Datasheet
1Mb / 29P
   Plus an Embedded Unique 128-bit Serial Number
AT24MAC402 ATMEL-AT24MAC402_14 Datasheet
1Mb / 29P
   Plus an Embedded Unique 128-bit Serial Number
logo
Microchip Technology
24C01SC MICROCHIP-24C01SC_04 Datasheet
227Kb / 16P
   1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com