Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6226FP Datasheet(PDF) 10 Page - Rohm

Part # BD6226FP
Description  DC Brush Motor Drivers (18V max.)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6226FP Datasheet(HTML) 10 Page - Rohm

Back Button BD6226FP Datasheet HTML 6Page - Rohm BD6226FP Datasheet HTML 7Page - Rohm BD6226FP Datasheet HTML 8Page - Rohm BD6226FP Datasheet HTML 9Page - Rohm BD6226FP Datasheet HTML 10Page - Rohm BD6226FP Datasheet HTML 11Page - Rohm BD6226FP Datasheet HTML 12Page - Rohm BD6226FP Datasheet HTML 13Page - Rohm BD6226FP Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Datasheet
Datasheet
10/19
BD622xxx Series
TSZ02201-0P2P0B300080-1-2
25.Dec.2012 Rev.002
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Typical Performance Curves (Reference data) - Continued
Fig.32 Low side body diode (BD6222)
Fig.31 Low side body diode (BD6221/26)
0
0.5
1
1.5
2
0
0.2
0.4
0.6
0.8
1
Output Current: IOUT [A]
-40°C
25°C
85°C
0
0.5
1
1.5
2
0
0.4
0.8
1.2
1.6
2
Output Current: IOUT [A]
-40°C
25°C
85°C
Fig.30 Low side body diode (BD6220/25)
0
0.3
0.6
0.9
1.2
0
0.4
0.8
1.2
1.6
2
Output Current: IOUT [A]
85°C
25°C
-40°C
Fig.29 Output low voltage (BD6222)
0
0.5
1
1.5
2
0
0.1
0.2
0.3
0.4
0.5
Output Current: IOUT [A]
-40°C
25°C
85°C


Similar Part No. - BD6226FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6226FP ROHM-BD6226FP Datasheet
251Kb / 3P
   H-bridge driver for DC brush motor
BD6226FP ROHM-BD6226FP Datasheet
416Kb / 16P
   18V max. H-bridge Drivers
BD6226FP-E2 ROHM-BD6226FP-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
More results

Similar Description - BD6226FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD6232HFP-LB ROHM-BD6232HFP-LB Datasheet
702Kb / 19P
   DC Brush Motor Drivers (36V max.)
BD621X-E ROHM-BD621X-E Datasheet
611Kb / 21P
   DC Brush Motor Drivers (7V max.)
BD623X-E ROHM-BD623X-E Datasheet
662Kb / 25P
   DC Brush Motor Drivers (36V max.)
BD62321HFP-TR ROHM-BD62321HFP-TR Datasheet
506Kb / 16P
   DC Brush Motor Drivers (36V max.)
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
   DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
   DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
BD62120AEFJ ROHM-BD62120AEFJ Datasheet
1Mb / 18P
   36V 1ch DC Brush Motor Drivers
2017.06.21 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com