Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA127-1R5-R Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # DRA127-1R5-R
Description  High Power Density, High Efficiency, Shielded Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DRA127-1R5-R Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  DRA127-1R5-R Datasheet HTML 1Page - Cooper Bussmann, Inc. DRA127-1R5-R Datasheet HTML 2Page - Cooper Bussmann, Inc. DRA127-1R5-R Datasheet HTML 3Page - Cooper Bussmann, Inc. DRA127-1R5-R Datasheet HTML 4Page - Cooper Bussmann, Inc. DRA127-1R5-R Datasheet HTML 5Page - Cooper Bussmann, Inc. DRA127-1R5-R Datasheet HTML 6Page - Cooper Bussmann, Inc. DRA127-1R5-R Datasheet HTML 7Page - Cooper Bussmann, Inc. DRA127-1R5-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DRA Series
High Power Density,
High Efficiency, Shielded Inductors
Magnetics Solutions
For Automotive Applications
User direction of feed
Ø1.50 Min.
Ø1.50 +0.1/-0.0
SECTION A-A
Ko
B0= 7.90 mm
A0= 7.90 mm
K0= 4.70 mm
4.00
2.00 ±0.1
Bo
Ao
1.75±0.10
7.50±0.1 16.00
±0.3
A
A
12.00
DRA74 Series
A0
SECTION A-A
B0= 13.00mm
A0= 13.00 mm
K0= 4.90 mm
1.5 dia
+0.1/-0.0
B0
K0
11.5
1.75
A
2.0
16.00
1.5 dia
min
24.0
+/-0.3
A
User direction of feed
DRA124 Series
A0
SECTION A-A
B0= 13.00 mm
A0= 13.00 mm
K0= 6.30 mm
1.5 dia
+0.1/-0.0
B0
K0
11.5
1.75
A
2.0
16.00
1.5 dia
min
24.0
+/-0.3
A
User dir ection of feed
DRA125 Series
Packaging Information
Ø1.50 Min.
Ø1.50+0.1/-0.0
SECTION A-A
Ko
B0= 7.90 mm
A0= 7.90mm
K0= 3.80mm
4.00
2.00 ±0.1
Bo
Ao
1.75±0.10
7.50±0.1 16.00
±0.3
A
A
User directionof feed
12.00
DRA73 Series
Dimensions are in millimeters.
Parts packaged on 13" Diameter reel,
1,350 parts per reel.
Parts packaged on 13" Diameter reel,
1,100 parts per reel.
Parts packaged on 13" Diameter reel,
750 parts per reel.
Parts packaged on 13" Diameter reel,
600 parts per reel.
A0
SECTION A-A
B0= 13.00 mm
A0= 13.00mm
K0= 8.30mm
1.5 dia
+0.1/-0.0
B0
K0
11.5
1.75
A
2.0
20.00
1.5 dia
min
24.0
+/-0.3
A
User direction of feed
DRA127 Series
Parts packaged on 13" Diameter reel,
350 parts per reel.


Similar Part No. - DRA127-1R5-R

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DRA1 SENSATA-DRA1 Datasheet
245Kb / 4P
   DIN RAIL MOUNT
logo
Crydom Inc.,
DRA1-CMX100D10 CRYDOM-DRA1-CMX100D10 Datasheet
813Kb / 5P
   DIN rail mount
logo
Sensata Technologies, I...
DRA1-CMX100D10 SENSATA-DRA1-CMX100D10 Datasheet
245Kb / 4P
   DIN RAIL MOUNT
logo
Crydom Inc.,
DRA1-CMX100D6 CRYDOM-DRA1-CMX100D6 Datasheet
813Kb / 5P
   DIN rail mount
logo
Sensata Technologies, I...
DRA1-CMX100D6 SENSATA-DRA1-CMX100D6 Datasheet
245Kb / 4P
   DIN RAIL MOUNT
More results

Similar Description - DRA127-1R5-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DR127-100-R COOPER-DR127-100-R Datasheet
304Kb / 7P
   High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR127-2R2 ETC2-DR127-2R2 Datasheet
1Mb / 11P
   High power density, high efficiency, shielded inductors
logo
Cooper Bussmann, Inc.
DR73-R33-R COOPER-DR73-R33-R Datasheet
298Kb / 6P
   High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR74-101 ETC2-DR74-101 Datasheet
299Kb / 6P
   High Power Density, High Efficiency, Shielded Inductors
logo
Eaton All Rights Reserv...
DR73-R33-R EATON-DR73-R33-R Datasheet
845Kb / 9P
   High power density, high efficiency, shielded drum core power inductors
DR124 EATON-DR124 Datasheet
655Kb / 5P
   High power density, high efficiency, low profile shielded drum core power inductors
logo
Cooper Bussmann, Inc.
SD52-680-R COOPER-SD52-680-R Datasheet
192Kb / 3P
   High Power Density, Low Profile, Shielded Inductors
logo
List of Unclassifed Man...
SD18-100 ETC1-SD18-100 Datasheet
395Kb / 8P
   High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
SD52 EATON-SD52 Datasheet
382Kb / 4P
   High power density, low profile shielded power inductors
logo
Cooper Bussmann, Inc.
SD25-150-R COOPER-SD25-150-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com