Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB6AF5B1B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # XB6AF5B1B
Description  Harmony??XB6/ZB6 16 mm push buttons
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XB6AF5B1B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button XB6AF5B1B Datasheet HTML 3Page - List of Unclassifed Manufacturers XB6AF5B1B Datasheet HTML 4Page - List of Unclassifed Manufacturers XB6AF5B1B Datasheet HTML 5Page - List of Unclassifed Manufacturers XB6AF5B1B Datasheet HTML 6Page - List of Unclassifed Manufacturers XB6AF5B1B Datasheet HTML 7Page - List of Unclassifed Manufacturers XB6AF5B1B Datasheet HTML 8Page - List of Unclassifed Manufacturers XB6AF5B1B Datasheet HTML 9Page - List of Unclassifed Manufacturers XB6AF5B1B Datasheet HTML 10Page - List of Unclassifed Manufacturers XB6AF5B1B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
HarmonyXB6/ZB6
16 mm push buttons
Complete units
(continued)
Contact functions
Push buttons with rectangular, square or circular head
Head colors
Push buttons,
spring return
Full guard
XB6DAppp
page 16
XB6CAppp
page 16
XB6AAppp
page 16
Mushroom head,
Emergency stop,
maintained and trigger
action
Turn to release (EN/ISO 13850: 2006)
Key release (EN/ISO 13850: 2006)
XB6AS834pB
page 13
XB6AS934pB
page 13
Selector switches
and key switches
Standard handle operator
XB6DDppp
page 17
XB6CDppp
page 17
XB6ADppp
page 17
Key switches
XB6DGppp
page 17
XB6CGppp
page 17
XB6AGppp
page 17
Product range (continued)
Introduction:
page 4
Specifications:
page 10
Assembled products:
page 12
References:
page 15
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com


Similar Part No. - XB6AF5B1B

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XB6AF1B5B SCHNEIDER-XB6AF1B5B Datasheet
131Kb / 5P
   Complete illuminated push button, Harmony XB6, white flush illum pushbutton 횠 16 latching 1NO 1NC 12...24 V
XB6AF3B1B SCHNEIDER-XB6AF3B1B Datasheet
125Kb / 5P
   Complete illuminated push button, Harmony XB6, green flush illum pushbutton 횠 16 latching 1 NO 12...24 V
XB6AF3B5B SCHNEIDER-XB6AF3B5B Datasheet
125Kb / 5P
   Complete illuminated push button, Harmony XB6, green flush illum pushbutton 횠 16 latching 1NO 1NC 12...24 V
XB6AF4B2B SCHNEIDER-XB6AF4B2B Datasheet
125Kb / 5P
   Complete illuminated push button, Harmony XB6, red flush illum pushbutton 횠 16 latching 1NC 12...24 V
XB6AF4B5B SCHNEIDER-XB6AF4B5B Datasheet
128Kb / 5P
   Complete illuminated push button, Harmony XB6, red flush illum pushbutton 횠 16 latching 1NO 1NC 12...24 V
More results

Similar Description - XB6AF5B1B

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BA2TQ SCHNEIDER-ZB4BA2TQ_V01 Datasheet
348Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
ZB4BW463 SCHNEIDER-ZB4BW463_V01 Datasheet
351Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AP3S SCHNEIDER-ZB5AP3S_V01 Datasheet
358Kb / 9P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 12, 2022
ZB4BD2TQ SCHNEIDER-ZB4BD2TQ_V01 Datasheet
343Kb / 9P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AD912 SCHNEIDER-ZB5AD912 Datasheet
177Kb / 4P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 11, 2022
ZB4BP2S SCHNEIDER-ZB4BP2S_V01 Datasheet
341Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 11, 2022
ZB4BS5540 SCHNEIDER-ZB4BS5540_V01 Datasheet
106Kb / 2P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
XB6AW1G1B SCHNEIDER-XB6AW1G1B Datasheet
96Kb / 3P
   Complete illuminated push button, Harmony XB6, Complete illuminated push button, Harmony XB6, return 1 NO 48...120 V
logo
Allen-Bradley
800EP-MTS44 ALLEN-BRADLEY-800EP-MTS44 Datasheet
161Kb / 7P
   Push Buttons
logo
Schneider Electric
XACA201 SCHNEIDER-XACA201 Datasheet
93Kb / 5P
   Harmony, pendant station, pistol grip, yellow, 2 push buttons
Aug 15, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com