Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDZSTE-1724B Datasheet(PDF) 2 Page - Rohm

Part # UDZSTE-1724B
Description  Constant voltage control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UDZSTE-1724B Datasheet(HTML) 2 Page - Rohm

  UDZSTE-1724B Datasheet HTML 1Page - Rohm UDZSTE-1724B Datasheet HTML 2Page - Rohm UDZSTE-1724B Datasheet HTML 3Page - Rohm UDZSTE-1724B Datasheet HTML 4Page - Rohm UDZSTE-1724B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.02 - Rev.D
Data Sheet
UDZS24B
Electrical characteristics (Ta=25
C)
Type No.
MIN.
MAX.
Iz(mA)
MAX.
Iz(mA)
MAX.
Iz(mA)
MAX.
VR(V)
UDZS 3.6B
3.600
3.845
5.0
100
5.0
1000
1.0
10.0
1.0
UDZS 3.9B
3.890
4.160
5.0
100
5.0
1000
1.0
5.0
1.0
UDZS 4.3B
4.170
4.430
5.0
100
5.0
1000
1.0
5.0
1.0
UDZS 4.7B
4.550
4.750
5.0
100
5.0
800
0.5
2.0
1.0
UDZS 5.1B
4.980
5.200
5.0
80
5.0
500
0.5
2.0
1.5
UDZS 5.6B
5.490
5.730
5.0
60
5.0
200
0.5
1.0
2.5
UDZS 6.2B
6.060
6.330
5.0
60
5.0
100
0.5
1.0
3.0
UDZS 6.8B
6.650
6.930
5.0
40
5.0
60
0.5
0.5
3.5
UDZS 7.5B
7.280
7.600
5.0
30
5.0
60
0.5
0.5
4.0
UDZS 8.2B
8.020
8.360
5.0
30
5.0
60
0.5
0.5
5.0
UDZS 9.1B
8.850
9.230
5.0
30
5.0
60
0.5
0.5
6.0
UDZS 10B
9.770
10.210
5.0
30
5.0
60
0.5
0.1
7.0
UDZS 11B
10.760
11.220
5.0
30
5.0
60
0.5
0.1
8.0
UDZS 12B
11.740
12.240
5.0
30
5.0
80
0.5
0.1
9.0
UDZS 13B
12.910
13.490
5.0
37
5.0
80
0.5
0.1
10.0
UDZS 15B
14.340
14.980
5.0
42
5.0
80
0.5
0.1
11.0
UDZS 16B
15.850
16.510
5.0
50
5.0
80
0.5
0.1
12.0
UDZS 18B
17.560
18.350
5.0
65
5.0
80
0.5
0.1
13.0
UDZS 20B
19.520
20.390
5.0
85
5.0
100
0.5
0.1
15.0
UDZS 22B
21.540
22.470
5.0
100
5.0
100
0.5
0.1
17.0
UDZS 24B
23.720
24.780
5.0
120
5.0
120
0.5
0.1
19.0
UDZS 27B
26.190
27.530
5.0
150
5.0
150
0.5
0.1
21.0
UDZS 30B
29.190
30.690
5.0
200
5.0
200
0.5
0.1
23.0
UDZS 33B
32.150
33.790
5.0
250
5.0
250
0.5
0.1
25.0
UDZS 36B
35.070
36.870
5.0
300
5.0
300
0.5
0.1
27.0
(
1 )The zener voltage(Vz) is measured 40ms after power is supplied.
(2 )The operating resistances(Zz,Zzk) are measured by superimposing a minute alternating current
on the regulated current(Iz)
TYP.
Reverse current :
IR(uA)
Operating resistance :Zz(
Ω)
Rising operataing
resistance :Zz(
Ω)
Symbol
Zener voltage :Vz(V)
TYPE
TYPE NO.
TYPE
TYPE NO.
UDZS
  3.6B
62
UDZS
  12B
25
UDZS
  3.9B
72
UDZS
  13B
35
UDZS
  4.3B
82
UDZS
  15B
45
UDZS
  4.7B
92
UDZS
  16B
55
UDZS
  5.1B
A2
UDZS
  18B
65
UDZS
  5.6B
C2
UDZS
  20B
75
UDZS
  6.2B
E2
UDZS
  22B
85
UDZS
  6.8B
F2
UDZS
  24B
95
UDZS
  7.5B
H2
UDZS
  27B
A5
UDZS
  8.2B
J2
UDZS
  30B
C5
UDZS
  9.1B
L2
UDZS
  33B
E5
UDZS
  10B
05
UDZS
  36B
F5
UDZS
  11B
15
 
 


Similar Part No. - UDZSTE-1724B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZSTE-172.7B ROHM-UDZSTE-172.7B Datasheet
158Kb / 2P
   Zener Diode
UDZSTE-1720B ROHM-UDZSTE-1720B Datasheet
158Kb / 5P
   Compact, 2-pin mini-mold type for high-density mounting. (UMD2)
UDZSTE-1722B ROHM-UDZSTE-1722B Datasheet
158Kb / 5P
   Zener diode
More results

Similar Description - UDZSTE-1724B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZSTE-176.8B ROHM-UDZSTE-176.8B Datasheet
159Kb / 5P
   Constant voltage control
TDZTR27 ROHM-TDZTR27 Datasheet
356Kb / 7P
   Constant voltage control
UDZSTE-178.2B ROHM-UDZSTE-178.2B Datasheet
158Kb / 5P
   Constant voltage control
UDZSTE-1710B ROHM-UDZSTE-1710B Datasheet
158Kb / 5P
   Constant voltage control
UDZSTE-1715B ROHM-UDZSTE-1715B Datasheet
159Kb / 5P
   Constant voltage control
TDZTR30 ROHM-TDZTR30 Datasheet
358Kb / 7P
   Constant voltage control
GDZT2R5.6 ROHM-GDZT2R5.6 Datasheet
117Kb / 5P
   Constant voltage control
MTZJT7724B ROHM-MTZJT7724B Datasheet
54Kb / 4P
   Constant voltage control
UDZSTE-1711B ROHM-UDZSTE-1711B Datasheet
159Kb / 5P
   Constant voltage control
EDZTE6112B ROHM-EDZTE6112B Datasheet
480Kb / 5P
   Constant voltage control
TDZTR7 ROHM-TDZTR7 Datasheet
356Kb / 7P
   Constant voltage control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com