Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT10 Datasheet(PDF) 2 Page - AVX Corporation

Part # RT10
Description  RoHS Compliant Mini-TurboCapTM Small Footprint, High Volumetric Efficiency, High-CV SMPS Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RT10 Datasheet(HTML) 2 Page - AVX Corporation

  RT10 Datasheet HTML 1Page - AVX Corporation RT10 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Style
A (max.)
B (max.)
C
D
E (max.)
No. of Leads
± 0.635 (± 0.025)
± 0.635 (± 0.025)
Per Side
RT10
5.59 (0.220)
7.00 (0.275)
3.81 (0.150)
5.33 (0.210)
4.83 (0.190)
02
DIMENSIONS
millimeters (inches)
STYLE/DIMENSIONS
D
A
B
0.508 (0.020) TYP.
2.54 (0.100) TYP.
LEAD THICKNESS = 0.254 (0.010) TYP.
2 LEADS PER SIDE
1.27 (0.050) MAX.
0.635 (0.025) MIN.
6.35 (0.25) MIN.
1.397 (0.055)
±0.254 (0.010)
C
E
TOP VIEW
D
A
B
0.508 (0.020) TYP.
LEAD THICKNESS = 0.254 (0.010) TYP.
2 LEADS PER SIDE
1.27 (0.050) MAX.
0.635 (0.025) MIN.
2.54 (0.100) TYP.
C
E
TOP VIEW
1.397 (0.055)
±0.127 (0.005)
1.14 (0.045)
±0.254 (0.010)
0.254 (0.010) RAD. TYP.
D
A
B
0.508 (0.020) TYP.
LEAD THICKNESS = 0.254 (0.010) TYP.
2 LEADS PER SIDE
1.27 (0.050) MAX.
0.635 (0.025) MIN.
2.54 (0.100) TYP.
C
E
TOP VIEW
1.397 (0.055)
±0.127 (0.005)
1.14 (0.045)
±0.254 (0.010)
0.254 (0.010) RAD. TYP.
“K” STYLE LEADS
“M” STYLE LEADS
“N” STYLE LEADS
RoHS Compliant Mini-TurboCap
TM
Small Footprint, High Volumetric Efficiency,
High-CV SMPS Capacitors


Similar Part No. - RT10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT100 VISHAY-RT100 Datasheet
143Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT100 VISHAY-RT100 Datasheet
117Kb / 4P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT100 VISHAY-RT100 Datasheet
119Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
logo
Microsemi Corporation
RT100KP100A MICROSEMI-RT100KP100A Datasheet
138Kb / 4P
   Preferred 100 kW Transient Voltage Suppressor for AIRCRAFT POWER BUS PROTECTION
logo
New Jersey Semi-Conduct...
RT100KP100A NJSEMI-RT100KP100A Datasheet
99Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - RT10

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
ST10 AVX-ST10 Datasheet
146Kb / 2P
   Mini-TurboCapTM Small Footprint, High Volumetric Efficiency, High-CV SMPS Capacitors
RM017A100JAN120 AVX-RM017A100JAN120 Datasheet
652Kb / 3P
   RoHS Compliant SMPS Stacked MLC Capacitors
logo
Bel Fuse Inc.
MPI-200-10 BEL-MPI-200-10 Datasheet
1Mb / 3P
   High Performance with Greater Volumetric Efficiency
logo
Texas Instruments
UCC28704 TI1-UCC28704 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency Off-Line CV
logo
AVX Corporation
RMM AVX-RMM Datasheet
104Kb / 2P
   RoHS Compliant SMPS Stacked MLC Capacitors (RMM Style) Extended Range
logo
Sparkle Power Inc.
FSP120-ABAN2 SPI-FSP120-ABAN2 Datasheet
47Kb / 1P
   Efficiency Level VI, RoHS Compliant
FSP040-RHAN2 SPI-FSP040-RHAN2 Datasheet
46Kb / 1P
   Efficiency Level VI, RoHS Compliant
FSP120-AHAN2 SPI-FSP120-AHAN2 Datasheet
47Kb / 1P
   Efficiency Level VI, RoHS Compliant
logo
CSB Battery Co., Ltd.
HRL12110W CSB-BATTERY-HRL12110W_12 Datasheet
873Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
UPS123607 CSB-BATTERY-UPS123607_12 Datasheet
937Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com