Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1775690-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1775690-2
Description  USB A TYPE, W/LOCKING VERTICAL, DIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1775690-2 Datasheet(HTML) 2 Page - Tyco Electronics

  1775690-2 Datasheet HTML 1Page - Tyco Electronics 1775690-2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 1775690-2

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1775693 PHOENIX-1775693 Datasheet
106Kb / 3P
   HC-B 32-AMQ
More results

Similar Description - 1775690-2

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
020151MR004S507ZU SUYIN-USA-020151MR004S507ZU Datasheet
65Kb / 1P
   VERTICAL USB DIP TYPE
020006MR012S500ZU SUYIN-USA-020006MR012S500ZU Datasheet
63Kb / 1P
   USB A SERIES THREE PORT VERTICAL DIP TYPE
2557A-1208GX-D SUYIN-USA-2557A-1208GX-D Datasheet
85Kb / 1P
   USB A SERIES THREE PORT VERTICAL DIP TYPE
020006MR012S500ZT SUYIN-USA-020006MR012S500ZT Datasheet
72Kb / 1P
   USB A SERIES THREE PORT VERTICAL DIP TYPE
2557A-12G1T SUYIN-USA-2557A-12G1T Datasheet
98Kb / 1P
   USB A SERIES THREE PORT VERTICAL DIP TYPE
020137MR SUYIN-USA-020137MR Datasheet
112Kb / 1P
   USB A TYPE R/A DIP TYPE
020123MR SUYIN-USA-020123MR Datasheet
122Kb / 1P
   USB B TYPE R/A DIP TYPE
020173MR004F1OKZL SUYIN-USA-020173MR004F1OKZL Datasheet
126Kb / 1P
   USB CONN A DIP FEMALE TYPE
2537A-04GXT SUYIN-USA-2537A-04GXT Datasheet
85Kb / 1P
   USB CONNECTOR R/A DIP TYPE
020122MR008S330ZA SUYIN-USA-020122MR008S330ZA Datasheet
66Kb / 1P
   USB SERIES A TYPE DUAL PORT DIP TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com