Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS3812 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS3812
Description  80V N-Channel Dual PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3812 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS3812 Datasheet HTML 1Page - Fairchild Semiconductor FDS3812 Datasheet HTML 2Page - Fairchild Semiconductor FDS3812 Datasheet HTML 3Page - Fairchild Semiconductor FDS3812 Datasheet HTML 4Page - Fairchild Semiconductor FDS3812 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDS3812 Rev B1(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Drain-Source Avalanche Ratings (Note 2)
WDSS
Single Pulse Drain-Source
Avalanche Energy
VDD = 40 V, ID = 3.4 A
90
mJ
IAR
Maximum Drain-Source Avalanche
Current
3.4
A
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 250
µA
80
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
80
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 64 V,
VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 20 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –20 V
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA
2
2.4
4
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
–6
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 3.4 A
VGS = 6.0 V,
ID = 3.2 A
VGS = 10 V, ID = 3.4 A, TJ = 125
°C
53
58
94
74
84
140
m
ID(on)
On–State Drain Current
VGS = 10 V,
VDS = 5 V
20
A
gFS
Forward Transconductance
VDS = 10 V,
ID = 3.4 A
14
S
Dynamic Characteristics
Ciss
Input Capacitance
634
pF
Coss
Output Capacitance
58
pF
Crss
Reverse Transfer Capacitance
VDS = 40 V,
V GS = 0 V,
f = 1.0 MHz
28
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
7
14
ns
tr
Turn–On Rise Time
3
6
ns
td(off)
Turn–Off Delay Time
24
28
ns
tf
Turn–Off Fall Time
VDD =40 V,
ID = 1 A,
VGS = 10 V,
RGEN = 6
4
8
ns
Qg
Total Gate Charge
13
18
nC
Qgs
Gate–Source Charge
2.4
nC
Qgd
Gate–Drain Charge
VDS = 40 V,
ID = 3.4 A,
VGS = 10 V
2.8
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
1.3
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 1.3 A
(Note 2)
0.8
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 78°C/W when
mounted on a 1in
2
pad of 2 oz copper
b) 125°C/W when
mounted on a .04 in
2
pad of 2 oz copper
c) 135°C/W when mounted on a
minimum pad.
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - FDS3812

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3890 FAIRCHILD-FDS3890 Datasheet
85Kb / 5P
   80V N-Channel Dual PowerTrench MOSFET
More results

Similar Description - FDS3812

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3890 FAIRCHILD-FDS3890 Datasheet
85Kb / 5P
   80V N-Channel Dual PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS3512 KEXIN-KDS3512 Datasheet
62Kb / 2P
   80V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
SI4480DY FAIRCHILD-SI4480DY Datasheet
90Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3590 FAIRCHILD-FDS3590 Datasheet
204Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570_00 Datasheet
83Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570 Datasheet
250Kb / 8P
   80V N-Channel PowerTrench??MOSFET
FDC3512 FAIRCHILD-FDC3512 Datasheet
133Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDD3570 FAIRCHILD-FDD3570 Datasheet
219Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDD3570_0011 FAIRCHILD-FDD3570_0011 Datasheet
76Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3512 FAIRCHILD-FDS3512 Datasheet
86Kb / 5P
   80V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com