Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSW4DK5111A-W1V Datasheet(PDF) 1 Page - OptoSupply International

Part # OSW4DK5111A-W1V
Description  5mm Round Module 1.2V LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSW4DK5111A-W1V Datasheet(HTML) 1 Page - OptoSupply International

  OSW4DK5111A-W1V Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
5mm Round Module 1.2V LED
OSXXXX5111A-W1V
VER.A.1
Features
Outline Dimension
High Luminous LEDs
5mm Round Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Used 0.8~1.6V DC Drive (Such 1 piece AA or AAA Size Battery )
Cost Effective (Saves Space and battery Cost)
Water Clear Type
Applications
Flashlight
Other Lighting
Unit:mm
Tolerance:+0.3mm
1:Anode
2:Cathode
5.0
1
2
Module
LED
Drived Module
1
2
Red Wire
Black Wire
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Voltage
VF
1.5
V
DC Forward Current (Input)
IF
114
mA
Power Dissipation
PD
171
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-30~ +85
Lead Soldering Temperature
Tsol
260℃/5sec
-
Electrical -Optical Characteristics
(Ta=25℃)
0
60°
30°
90°
0.5
0
60°
90°
0.5
30°
11
IF (mA)
I
v(mcd)*
λD(nm)*
2θ1/2(deg)
In LED
Input
Min
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Typ.
Part Number
Color
VF =1.2V
VF =1.2V
OSW4DK5111A-W1V Pure White W 64+10
16
22
20000 22000
-
X=0.31, Y=0.33
15
OSW5DK5111A-W1V Cool White W 64+10
16
22
22000 25000
-
X=0.27, Y=0.28
15
OSM5DK5111A-W1V
Warm White M 64+10
16
22
18000 20000
-
X=0.45, Y=0.41
15
OSB5SA5111A-W1V
Blue
B 64+10
16
22
7000
8400
-
465
470
475
15
OSG5DA5111A-W1V
Pure Green
G 64+10
16
22
22000 25000
-
520
525
530
15
OSY5PA5111A-W1V
Yellow
Y 76+10
15
20
20000 22000
-
585
590
595
15
OSO5PA5111A-W1V
Orange
O 76+10
15
20
22000 25000
-
600
605
610
15
OSR5PA5111A-W1V
Red
R 76+10
15
20
20000 22000
-
620
625
630
15
*1 Tolerance of chromaticity coordinates is +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSW4DK5111A-W1V

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW4DK6231A OPTOSUPPLY-OSW4DK6231A Datasheet
108Kb / 1P
   5mm Bullet LED
OSW4DK6231A OPTOSUPPLY-OSW4DK6231A Datasheet
108Kb / 1P
   5mm Bullet LED
More results

Similar Description - OSW4DK5111A-W1V

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXXXX5111A-W1V OPTOSUPPLY-OSXXXX5111A-W1V Datasheet
120Kb / 1P
   5mm Round Module 1.2V LED
OSXXXX5111A-1V OPTOSUPPLY-OSXXXX5111A-1V Datasheet
126Kb / 1P
   5mm Round Module 1.2V LED
OSXXXR5A31A-W1V OPTOSUPPLY-OSXXXR5A31A-W1V Datasheet
125Kb / 1P
   5mm Round Module 1.2V Flashing LED
OSXXXS5A31A-W1V OPTOSUPPLY-OSXXXS5A31A-W1V Datasheet
127Kb / 1P
   5mm Round Module 1.2V Flashing LED
OST1MX5A31A-1V OPTOSUPPLY-OST1MX5A31A-1V Datasheet
132Kb / 1P
   5mm Round Module 1.2V Fullll-Collor Flashing LED
OST1MX5A31A-W1V OPTOSUPPLY-OST1MX5A31A-W1V Datasheet
126Kb / 1P
   5mm Round Module 1.2V Fullll-Collor Flashing LED
OST1MX5A32A-W1V OPTOSUPPLY-OST1MX5A32A-W1V Datasheet
126Kb / 1P
   5mm Round Module 1.2V Fullll-Collor Flashing LED
OST1MX5A32A-1V OPTOSUPPLY-OST1MX5A32A-1V Datasheet
132Kb / 1P
   5mm Round Module 1.2V Fullll-Collor Flashing LED
OSXXXS5A32A-W1V OPTOSUPPLY-OSXXXS5A32A-W1V Datasheet
126Kb / 1P
   5mm Round Module 1.2V Bii-Collor Flashing LED
OSW5DR5A31A-W1V OPTOSUPPLY-OSW5DR5A31A-W1V Datasheet
114Kb / 1P
   5mm Round Module 1.2V Flashing LED 2.4HZ 1/12Cycle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com