Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

407-05 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 407-05
Description  #8 STUD, TERMINAL, SPADE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

407-05 Datasheet(HTML) 1 Page - Tyco Electronics

  407-05 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 407-05

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
407-10271-C ATGBICS-407-10271-C Datasheet
366Kb / 10P
   407-10271 Dell Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
407-10356-C ATGBICS-407-10356-C Datasheet
375Kb / 10P
   407-10356 Dell Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
407-10357-C ATGBICS-407-10357-C Datasheet
375Kb / 10P
   407-10357 Dell Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
407-10439-C ATGBICS-407-10439-C Datasheet
185Kb / 7P
   407-10439 Dell Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
407-10931-C ATGBICS-407-10931-C Datasheet
185Kb / 7P
   407-10931 Dell Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results

Similar Description - 407-05

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191410022 MOLEX4-0191410022 Datasheet
62Kb / 2P
   Krimptite??Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 8
0191640007 MOLEX4-0191640007 Datasheet
76Kb / 2P
   Perma-Seal??Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 8
0191270010 MOLEX4-0191270010 Datasheet
133Kb / 2P
   Avikrimp??Flanged Spade Tongue Terminal for 22-18 AWG Wire, Stud Size 8
0191180023 MOLEX4-0191180023 Datasheet
89Kb / 2P
   Krimptite??Flanged Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 8
0191210028 MOLEX4-0191210028 Datasheet
131Kb / 3P
   InsulKrimp??Flanged Spade Tongue Terminal for 14-16 AWG Wire, Stud Size 8
0191180056 MOLEX4-0191180056 Datasheet
90Kb / 2P
   Krimptite??Flanged Spade Tongue Terminal for 14-16 AWG Wire, Stud Size 8
0191640070 MOLEX4-0191640070 Datasheet
82Kb / 2P
   Perma-Seal??Spade Tongue Terminal for 10-12 AWG Wire, Stud Size 8
0191210007 MOLEX4-0191210007 Datasheet
130Kb / 3P
   InsulKrimp??Flanged Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 8
0191270086 MOLEX4-0191270086 Datasheet
133Kb / 2P
   Avikrimp??Flanged Spade Tongue Terminal for 10-12 AWG Wire, Stud Size 8
0191270087 MOLEX4-0191270087 Datasheet
134Kb / 3P
   Avikrimp??Flanged Spade Tongue Terminal for 10-12 AWG Wire, Stud Size 8, MylarTape Carrier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com