Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZB6DD28 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ZB6DD28
Description  Harmony??XB6/ZB6 16 mm push buttons
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6DD28 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ZB6DD28 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZB6DD28 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZB6DD28 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZB6DD28 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZB6DD28 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZB6DD28 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZB6DD28 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZB6DD28 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZB6DD28 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
8
Illuminated units
for user assembly
Combined functions (contact + signaling)
Body
sub-assemblies
Head sub-assemblies,
rectangular, square or circular
Head colors
For illuminated push buttons
and selector switches
With integral LED
Quick connector
Full guard, spring return
ZB6ZBppB
page 18
ZB6DWp
page 19
ZB6CWp
page 19
ZB6AWp
page 19
Full guard, maintained
ZB6DFpppB
page 19
ZB6CFpppB
page 19
ZB6AFpppB
page 19
Direct supply for
incandescent bulb
Quick connector
No guard, spring return
ZB6ZHppB
page 18
ZB6DEp
page 19
ZB6CEp
page 19
ZB6AEp
page 19
Signaling functions
Body
sub-assemblies
Head sub-assemblies,
rectangular, square or circular
Head colors
For pilot lights
With integral LED
Quick connector
ZB6EppB
page 18
ZB6DVp
page 19
ZB6CVp
page 19
ZB6AVp
page 19
Direct supply for
incandescent bulb
or with resistor
Quick connector
ZB6Ep0B
page 18
HarmonyXB6/ZB6
16 mm push buttons
Product range (continued)
Introduction:
page 4
Specifications:
page 10
Assembled products:
page 12
References:
page 15
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com


Similar Part No. - ZB6DD28

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB6DD28 SCHNEIDER-ZB6DD28 Datasheet
172Kb / 7P
   Head for selector switch, Harmony XB6, black rectangular 횠 16 2 position stay put
Jan 21, 2022
More results

Similar Description - ZB6DD28

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BA2TQ SCHNEIDER-ZB4BA2TQ_V01 Datasheet
348Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
ZB4BW463 SCHNEIDER-ZB4BW463_V01 Datasheet
351Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AP3S SCHNEIDER-ZB5AP3S_V01 Datasheet
358Kb / 9P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 12, 2022
ZB4BD2TQ SCHNEIDER-ZB4BD2TQ_V01 Datasheet
343Kb / 9P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AD912 SCHNEIDER-ZB5AD912 Datasheet
177Kb / 4P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 11, 2022
ZB4BP2S SCHNEIDER-ZB4BP2S_V01 Datasheet
341Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 11, 2022
ZB4BS5540 SCHNEIDER-ZB4BS5540_V01 Datasheet
106Kb / 2P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
XB6AW1G1B SCHNEIDER-XB6AW1G1B Datasheet
96Kb / 3P
   Complete illuminated push button, Harmony XB6, Complete illuminated push button, Harmony XB6, return 1 NO 48...120 V
logo
Allen-Bradley
800EP-MTS44 ALLEN-BRADLEY-800EP-MTS44 Datasheet
161Kb / 7P
   Push Buttons
logo
Schneider Electric
XACA201 SCHNEIDER-XACA201 Datasheet
93Kb / 5P
   Harmony, pendant station, pistol grip, yellow, 2 push buttons
Aug 15, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com