Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA7908CKCS Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UA7908CKCS
Description  NEGATIVE-VOLTAGE REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA7908CKCS Datasheet(HTML) 5 Page - Texas Instruments

  UA7908CKCS Datasheet HTML 1Page - Texas Instruments UA7908CKCS Datasheet HTML 2Page - Texas Instruments UA7908CKCS Datasheet HTML 3Page - Texas Instruments UA7908CKCS Datasheet HTML 4Page - Texas Instruments UA7908CKCS Datasheet HTML 5Page - Texas Instruments UA7908CKCS Datasheet HTML 6Page - Texas Instruments UA7908CKCS Datasheet HTML 7Page - Texas Instruments UA7908CKCS Datasheet HTML 8Page - Texas Instruments UA7908CKCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Jun-2010
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
UA7905CKC
OBSOLETE
TO-220
KC
3
TBD
Call TI
Call TI
Replaced by UA7905CKCS
UA7905CKCS
ACTIVE
TO-220
KCS
3
50
Pb-Free (RoHS)
CU SN
N / A for Pkg Type
Contact TI Distributor
or Sales Office
UA7905CKCSE3
ACTIVE
TO-220
KCS
3
50
Pb-Free (RoHS)
CU SN
N / A for Pkg Type
Contact TI Distributor
or Sales Office
UA7905CKTER
OBSOLETE
PFM
KTE
3
TBD
Call TI
Call TI
Samples Not Available
UA7905CKTTR
ACTIVE
DDPAK/
TO-263
KTT
3
500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-245C-168 HR
Request Free Samples
UA7905CKTTRG3
ACTIVE
DDPAK/
TO-263
KTT
3
500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-245C-168 HR
Request Free Samples
UA7908CKC
OBSOLETE
TO-220
KC
3
TBD
Call TI
Call TI
Samples Not Available
UA7908CKCS
ACTIVE
TO-220
KCS
3
50
Pb-Free (RoHS)
CU SN
N / A for Pkg Type
Contact TI Distributor
or Sales Office
UA7908CKCSE3
ACTIVE
TO-220
KCS
3
50
Pb-Free (RoHS)
CU SN
N / A for Pkg Type
Contact TI Distributor
or Sales Office
UA7908CKTER
OBSOLETE
PFM
KTE
3
TBD
Call TI
Call TI
Samples Not Available
UA7912CKC
OBSOLETE
TO-220
KC
3
TBD
Call TI
Call TI
Replaced by UA7912CKCS
UA7912CKCS
OBSOLETE
TO-220
KCS
3
TBD
Call TI
Call TI
Samples Not Available
UA7912CKTER
OBSOLETE
PFM
KTE
3
TBD
Call TI
Call TI
Samples Not Available
UA7915CKTER
OBSOLETE
PFM
KTE
3
TBD
Call TI
Call TI
Samples Not Available
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.


Similar Part No. - UA7908CKCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA7908CKCS TI-UA7908CKCS Datasheet
317Kb / 10P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7908CKCS TI1-UA7908CKCS Datasheet
986Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7908CKCS TI1-UA7908CKCS Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7908CKCSE3 TI1-UA7908CKCSE3 Datasheet
986Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7908CKCSE3 TI1-UA7908CKCSE3 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
More results

Similar Description - UA7908CKCS

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com