Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA7905CKCSE3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UA7905CKCSE3
Description  NEGATIVE-VOLTAGE REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA7905CKCSE3 Datasheet(HTML) 1 Page - Texas Instruments

  UA7905CKCSE3 Datasheet HTML 1Page - Texas Instruments UA7905CKCSE3 Datasheet HTML 2Page - Texas Instruments UA7905CKCSE3 Datasheet HTML 3Page - Texas Instruments UA7905CKCSE3 Datasheet HTML 4Page - Texas Instruments UA7905CKCSE3 Datasheet HTML 5Page - Texas Instruments UA7905CKCSE3 Datasheet HTML 6Page - Texas Instruments UA7905CKCSE3 Datasheet HTML 7Page - Texas Instruments UA7905CKCSE3 Datasheet HTML 8Page - Texas Instruments UA7905CKCSE3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
KTE (PowerFLEX ) PACKAGE
(TOP VIEW)
OUTPUT
INPUT
COMMON
INPUT
OUTPUT
KCS (TO-220) PACKAGE
(TOP VIEW)
COMMON
KTT (TO-263) PACKAGE
(TOP VIEW)
OUTPUT
INPUT
COMMON
DESCRIPTION/ORDERING INFORMATION
µA7900 SERIES
NEGATIVE-VOLTAGE REGULATORS
SLVS058H – JUNE 1976 – REVISED NOVEMBER 2006
• 3-Terminal Regulators
• High Power-Dissipation Capability
• Output Current up to 1.5 A
• Internal Short-Circuit Current Limiting
• No External Components
• Output Transistor Safe-Area Compensation
• Internal Thermal-Overload Protection
This series of fixed-negative-voltage integrated-circuit voltage regulators is designed to complement Series
µA7900 in a wide range of applications. These applications include on-card regulation for elimination of noise
and distribution problems associated with single-point regulation. Each of these regulators can deliver up to
1.5 A of output current. The internal current limiting and thermal shutdown features of these regulators
essentially make them immune to overload. In addition to use as fixed-voltage regulators, these devices can be
used with external components to obtain adjustable output voltages and currents and also as the power-pass
element in precision regulators.
ORDERING INFORMATION(1)
ORDERABLE PART
TOP-SIDE
TJ
VO(NOM)
PACKAGE(2)
NUMBER
MARKING
–12 V
TO-220, short shoulder – KCS
Tube of 50
UA7912CKCS
UA7912C
PowerFLEX™ – KTE
Reel of 2000
UA7908CKTER
UA7908C
–8 V
TO-220, short shoulder – KCS
Tube of 50
UA7908CKCS
UA7908C
0
°C to 125°C
PowerFLEX – KTE
Reel of 2000
UA7905CKTER
UA7905C
–5 V
TO-220, short shoulder – KCS
Tube of 50
UA7905CKCS
UA7905C
TO-263 – KTT
Reel of 500
UA7905CKTTR
UA7905C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerFLEX, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1976–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UA7905CKCSE3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA7905CKCSE3 TI1-UA7905CKCSE3 Datasheet
986Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7905CKCSE3 TI1-UA7905CKCSE3 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
More results

Similar Description - UA7905CKCSE3

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com