Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDR856P Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDR856P
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDR856P Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDR856P Datasheet HTML 1Page - Fairchild Semiconductor FDR856P Datasheet HTML 2Page - Fairchild Semiconductor FDR856P Datasheet HTML 3Page - Fairchild Semiconductor FDR856P Datasheet HTML 4Page - Fairchild Semiconductor FDR856P Datasheet HTML 5Page - Fairchild Semiconductor FDR856P Datasheet HTML 6Page - Fairchild Semiconductor FDR856P Datasheet HTML 7Page - Fairchild Semiconductor FDR856P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDR856P Rev.B
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
-4.5V
-2.5V
-4.0V
-5.5V
-3.5V
-3.0V
V
= -10V
GS
Typical Electrical Characteristics
Figure 1. On-Region Characteristics
.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage
.
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= -10V
GS
I = -6.3A
D
Figure 3. On-Resistance Variation with
Temperature
.
1
2
3
4
5
0
5
10
15
20
25
30
-V
, GATE TO SOURCE VOLTAGE (V)
V
= -5V
DS
GS
T = -55°C
J
125°C
25°C
Figure 5 . Transfer Characteristics.
Figure 6 . Body Diode Forward Voltage
Variation with Source
Current
and Temperature.
2
4
6
8
10
0
0.025
0.05
0.075
0.1
0.125
-V
, GATE TO SOURCE VOLTAGE (V)
GS
I = -3A
D
T = 125°C
J
T = 25°C
J
Figure 4 . On Resistance Variation with
Gate-to-Source Voltage.
0
5
10
15
20
25
30
0.5
1
1.5
2
2.5
- I , DRAIN CURRENT (A)
V
= -3.5 V
GS
D
-10V
-4.5V
-4.0V
-7.0V
-5.0V
-5.5V
0
0.2
0.4
0.6
0.8
1
1.2
0.0001
0.001
0.01
0.1
1
5
40
-V
, BODY DIODE FORWARD VOLTAGE (V)
25°C
-55°C
V
= 0V
GS
SD
T = 125°C
J


Similar Part No. - FDR856P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDR8508P FAIRCHILD-FDR8508P Datasheet
274Kb / 8P
   Dual P-Channel, Logic Level, PowerTrench??MOSFET
FDR8521L FAIRCHILD-FDR8521L Datasheet
224Kb / 7P
   P-Channel MOSFET With Gate Driver For Load Switch Application
FDR858P FAIRCHILD-FDR858P Datasheet
261Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
More results

Similar Description - FDR856P

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDS352AP ONSEMI-NDS352AP Datasheet
271Kb / 9P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
December, 2021 ??Rev. 5
logo
NIKO SEMICONDUCTOR CO.,...
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
logo
Fairchild Semiconductor
NDS332P FAIRCHILD-NDS332P Datasheet
78Kb / 6P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com