Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2701A Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # U2701A
Description  U2701A and U2702A USB Modular Oscilloscope
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U2701A Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button U2701A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U2701A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U2701A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U2701A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U2701A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U2701A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U2701A Datasheet HTML 9Page - Agilent(Hewlett-Packard) U2701A Datasheet HTML 10Page - Agilent(Hewlett-Packard) U2701A Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Performance Characteristics[1]
1
All characteristics are typical performance values and are not warranted. Characteristics are valid after a 30-minute warm-up
period and within ±10ºC of last calibration temperature.
2
Under standalone use, users are only allowed to measure up to CAT1 30 Vrms. For high-voltage measurement up to
CAT1 300 Vrms, users must install the L-mount kit on the U2701A/U2702A before plugging into the instrument chassis. Ensure
that the L-Mount kit installed on your modular oscilloscope is screwed to the instrument chassis to ensure chassis grounding. It is
required to use the provided 10:1 probes (N2862A/N2863A) for high-voltage measurements
Acquisition: oscilloscope channels
Real time sample rate
2 channels interleaved
Each channel
1 GSa/s
500 MSa/s
Standard memory depth
2 channels interleaved
Each channel
Normal
Single-shot
32 Mpts
64 Mpts
16 Mpts
32 Mpts
Vertical resolution
8 bits
Peak detection
Yes
Averaging
Any number from 1 to 999
Filter
Sin(x)/x interpolation for time base 1 ns to 100 ns
Sweep modes
Auto, normal, single
Vertical system: oscilloscope channels
Scope channels
U2701A/U2702A: Ch 1 and 2 simultaneous acquisition
AC coupled
U2701A: 3.5 Hz to 100 MHz
U2702A: 3.5 Hz to 200 MHz
Calculated rise time
(= 0.35/bandwidth)
U2701A: 3.5 ns
U2702A: 1.75 ns
Single-shot bandwidth
U2701A: 100 MHz
U2702A: 200 MHz
Range
2 mV/div to 5 V/div (1 MΩ)
Maximum input[2]
CAT I 30 Vrms, 42 Vpk
Offset range
±4 div
Example: ±8 mV on 2 mV/div; ±20 V on 5 V/div
Dynamic range
±4 div
Input impedance
1 M
Ω: _ 16 pF
Coupling
AC, DC, Ground
BW limit
_
25 MHz
Standard probes
10:1 Passive Probe 150 MHz 1.2 m
10:1 Passive Probe 300 MHz 1.2 m
ESD tolerance
±2 kV
Noise peak-to-peak
3 mVpp
DC vertical offset accuracy
≤ 200 mV/div: ±0.1 div ±2.0 mV ±0.5% offset value;
> 200 mV/div: ±0.1 div ±2.0 mV ±1.5% offset value
DC vertical gain accuracy
±4.0% of Full Scale


Similar Part No. - U2701A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U2701A HP-U2701A Datasheet
672Kb / 15P
   Voltage and current programming and readback
More results

Similar Description - U2701A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U2702A KEYSIGHT-U2702A Datasheet
2Mb / 12P
   USB Modular Oscilloscope
logo
Pomona Electronics
6496 POMONA-6496 Datasheet
121Kb / 1P
   Modular Passive Oscilloscope Probe
6491 POMONA-6491 Datasheet
118Kb / 1P
   Modular Passive Oscilloscope Probe
6499 POMONA-6499 Datasheet
116Kb / 1P
   Modular Passive Oscilloscope Probe
6495 POMONA-6495 Datasheet
119Kb / 1P
   Modular Passive Oscilloscope Probe
6500 POMONA-6500 Datasheet
125Kb / 1P
   Modular Passive Oscilloscope Probe
6493 POMONA-6493 Datasheet
114Kb / 1P
   Modular Passive Oscilloscope Probe
6497 POMONA-6497 Datasheet
121Kb / 1P
   Modular Passive Oscilloscope Probe w/RO
6494 POMONA-6494 Datasheet
115Kb / 1P
   Modular Passive Oscilloscope Probe w/RO
73040 POMONA-73040 Datasheet
87Kb / 1P
   Accessory Kit for Modular & Microline Passive Oscilloscope Probes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com