Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


U.FL-LP-040 Datasheet(PDF) 5 Page - Hirose Electric

Part No. U.FL-LP-040
Description  Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 5 page
background image
5
sHow to Specify Plug Cable Assembly
Dimensions of U.FL Series assembly products should be made as indicated below.
Double-Ended Cable Assembly
Single-Ended Cable Assembly
U.FL - [] LP - [] - A -
(L)
qOrdering Information
Series name
U.FL
Total Length(mm)
00350<
=L
<
=00200
02000<L<
=00500
05000<L
<
<
=01000
10000<0L
<
=1000
Standard Tolerance (mm)
±04
±08
±12
±1.5%
qTotal Standard Tolerance for Total Length of Cable Assembly
Note: Shortest length L is 35 mm.
L
L
3
1
2
4
1
Assembly type
LP: Single ended
2LP: Double ended
2
Cable type
04 : Dia.0.81mm Coaxial Cable
068 : Dia.1.13mm Coaxial Cable
066 : Dia.1.32mm Coaxial Cable
062 : Dia.1 mm Coaxial Cable
088 : Dia.1.37mm Coaxial Cable
3
Total Length(mm)
Length is expressed in mm units.
Please contact Hirose Sales Representative for cable length and cable end treatment.
4
Part No. of Plug
Part No. of Cable Assembly
Description
U.FL-LP-040
U.FL-LP-068
U.FL-LP-066
U.FL-LP(V)-040
U.FL-LP-062
U.FL-LP-088
U.FL-2LP-04N1-A-(L)
U.FL-2LP-04N2-A-(L)
U.FL-LP-04N1-A-(L)
U.FL-LP-04N2-A-(L)
U.FL-2LP-068N1-A-(L)
U.FL-2LP-068N2-A-(L)
U.FL-LP-068N1-A-(L)
U.FL-LP-068N2-A-(L)
U.FL-2LP-066J1-A-(L)
U.FL-2LP-066J2-A-(L)
U.FL-LP-066J1-A-(L)
U.FL-LP-066J2-A-(L)
U.FL-2LP(V)-04N1-A-(L)
U.FL-2LP(V)-04N2-A-(L)
U.FL-LP(V)-04N1-A-(L)
U.FL-LP(V)-04N2-A-(L)
U.FL-2LP-062N1D-A-(L)
U.FL-2LP-062N2D-A-(L)
U.FL-LP-062N1D-A-(L)
U.FL-LP-062N2D-A-(L)
U.FL-2LP-088K1T-A-(L)
U.FL-2LP-088K2T-A-(L)
U.FL-LP-088K1T-A-(L)
U.FL-LP-088K2T-A-(L)
Dia. 0.81mm double ended coaxial cable, color: white
Dia. 0.81mm double ended coaxial cable, color: black
Dia. 0.81mm single ended coaxial cable, color: white
Dia. 0.81mm single ended coaxial cable, color: black
Dia. 1.13mm double ended coaxial cable, color: gray
Dia. 1.13mm double ended coaxial cable, color: black
Dia. 1.13mm single ended coaxial cable, color: gray
Dia. 1.13mm single ended coaxial cable, color: black
Dia. 1.32mm double ended coaxial cable, color: gray
Dia. 1.32mm double ended coaxial cable, color: black
Dia. 1.32mm single ended coaxial cable, color: gray
Dia. 1.32mm single ended coaxial cable, color: black
Dia. 0.81mm double ended coaxial cable, color: white
Dia. 0.81mm double ended coaxial cable, color: black
Dia. 0.81mm single ended coaxial cable, color: white
Dia. 0.81mm single ended coaxial cable, color: black
Dia. 1mm double ended coaxial cable, color: gray
Dia. 1mm double ended coaxial cable, color: black
Dia. 1mm single ended coaxial cable, color: gray
Dia. 1mm single ended coaxial cable, color: black
Dia. 1.37mm double ended coaxial cable, color: gray
Dia. 1.37mm double ended coaxial cable, color: black
Dia. 1.37mm single ended coaxial cable, color: gray
Dia. 1.37mm single ended coaxial cable, color: black
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl