Electronic Components Datasheet Search |
|
ZB6EG4B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers |
|
ZB6EG4B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers |
11 / 34 page 11 Harmony™ XB6/ZB6 16 mm push buttons Electrical specifications of contacts Rated operational specifications AC-15 B300, Ue = 240 Vac and Ie = 1.5 A or Ue 120 Vac and Ie = 3 A DC-13 R300, Ue = 250 Vdc and Ie = 0.1 A or Ue = 125 Vdc and Ie = 0.22 A Rated insulation voltage Conforming to IEC 60947-1 Ui = 250 V Degree of pollution 3 (Except pilot lights with incandescent or neon bulb: degree of pollution 2) Rated impulse withstand voltage Conforming to EN/IEC 60947-1 kV Uimp = 4 Contact material Normal environment and usage Silver alloy Chemically corrosive environment or infrequent operation Gold Contact operation N/C or N/O Slow break, with indication of change of state by the tactile feedback on push and audibility Differential travel of contacts With push button head in (mm) Changing N/C state: 0.04 (1.0) Changing N/O state: 0.08 (2.0) Total travel: 0.14 (3.5) Operating force N/C contact lbf (N) 0.56 (2.5) N/O contact lbf (N) 0.36 (1.6) Push button head + N/O contact lbf (N) 0.79 (3.5) Push button head + N/C contact lbf (N) 1.01 (4.5) Positive operation Conforming to IEC 60947-5-2 lbf (N) N/C contact with positive opening operation Positive opening force: 3.38 (15) Terminal referencing Conforming to EN 50005 and EN 50013 Short-circuit protection Cartridge fuse mounted upstream 6 A gG, 6 A Class CC, Bussman KTK-R Electrical reliability Failure rate Conforming to IEC 60947-5-4 With confidence level of 90 %: λ 90 = 10 -8 5 V - 1 mA, defect contact voltage drop = 0.5 V Cabling in (mm) By Quick Connectors/Solder tabs 0.11 x 0.02 (2.8 x 0.5) By pins for printed circuit board connection 0.04 x 0.02 (1 x 0.5) Electrical durability Conforming to IEC 947-5-1 Appendix C Utilization category AC-15 and DC-13 Operating rate 3600 operating cycles/h Load factor 0.5 1 million operating cycles - 200 VA-230 V 1 Switching capacity conforming to EN/IEC 60947-5-1, utilization category AC-15, DC-13 B300 240 Vac 1.5 A R300 250 Vdc 0.1 A 2 Switching capacity conforming to EN/IEC 60947-5-1, utilization category AC-15, DC-13 B300 120 Vac 3 A R300 125 Vdc 0.22 A 1 mA 2 mA 3 mA 6 mA 10 mA 5 6 10 8 20 60 100 15 150 200 2 A 1,5 A 3 A 1 A 120 240 250 24 V I (Ith) 48 2 1 Specifications (continued) Product range: page 5 Assembled products: page 12 References: page 15 Dimensions: page 25 This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com |
Similar Part No. - ZB6EG4B |
|
Similar Description - ZB6EG4B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |