Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP006YZF Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP006YZF
Description  BOOSTXL-SENSHUB Sensor Hub BoosterPack
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006YZF Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP006YZF Datasheet HTML 3Page - Texas Instruments TMP006YZF Datasheet HTML 4Page - Texas Instruments TMP006YZF Datasheet HTML 5Page - Texas Instruments TMP006YZF Datasheet HTML 6Page - Texas Instruments TMP006YZF Datasheet HTML 7Page - Texas Instruments TMP006YZF Datasheet HTML 8Page - Texas Instruments TMP006YZF Datasheet HTML 9Page - Texas Instruments TMP006YZF Datasheet HTML 10Page - Texas Instruments TMP006YZF Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.ti.com
References, PCB Layout, and Bill of Materials
4.2
Bill of Materials (BOM)
Table 3 shows the bill of materials for the BOOSTXL-SENSHUB BoosterPack board.
Table 3. BOOSTXL-SENSHUB Bill of Materials
(1) (2) (3)
Item
Ref Des
Qty
Value
Description
Manufacturer
Manufacturer Part No
IC, digital, barometric pressure
1
U2
1
BMP180
Bosch
BMP180
sensor
C1-2, C8-9, C11,
Capacitor, ceramic, NPO or C0G or
2
8
100 nF
Murata
GRM21BR71E104KA01L
C13, C15-16
X5R, 10 V or higher, 0805(4)
Capacitor, ceramic, X7R, ±10%,
3
C4, C6
2
100 nF
Murata
GRM21BR71E104KA01L
10 V or higher, 0805(4)
Capacitor, ceramic, X7R, ±10%,
4
C5
1
10 nF
Murata
GRM216R71H103KA01D
10 V or higher, 0805(4)
Capacitor, ceramic, X7R, ±10%,
5
C3
1
2.2 nF
Kemet
C0805C222K5RACTU
50 V or higher, 0805(4)
C7, C10, C12,
Capacitor, tantalum, 10 V or higher,
6
4
1
μF
AVX Corp.
TAJA105M020RNJ
C14
Type A
Capacitor, tantalum, 10 V or higher,
7
C17
1
47
μF
Nichicon
F931A476MAA
Type A
Y1
0
32.768 kHz
Clock oscillator, 2.5 x 3.2 mm
Do not populate
Do not populate
Light emitting diode, 1.7 V forward
8
D1
1
Red
Stanley
BR1112H-TR
voltage or less, 0805
9
D2
1
Yellow
Light emitting diode, 0805
Knightbright
APT2012YC
Header, female, 10-pin, 100-mil
10
J1-4
4
PEC10SAAN
Sullins
PPTC101LFBN-RC
spacing, 0.100 inch x 10
TFM-110-02-
Header, SMT 10x2 pin, shrouded,
11
RF_PART1-2
2
Samtec
TFM-110-02-SM-D-A-K-TR
SM-D-A-K-TR
0.225 x 0.625 inch
IC, integrated digital light sensor with
12
U4
1
ISL29023
Intersil
ISL29023
interrupt
IC, nine-axis MEMS motion tracking
13
U3
1
MPU-9150
InvenSense
MPU-9150
device
Surface mount resistor, 1/10 W or
14
R1, R4, R9-10
4
10 k
Ω
Yageo
RC0805JR-0710KL
higher, 0805
Surface mount resistor, 1/10 W or
R2
0
10 k
Ω
Do not populate
Do not populate
higher, 0805
Surface mount resistor, 1/10 W or
15
R6
1
5.1
Ω
Yageo
RC0805JR-075R1L
higher, 0805
Surface mount resistor, 1/10 W or
16
R7
1
100
Ω
Yageo
RC0805JR-07100RL
higher, 0805
Surface mount resistor, 1/10 W or
17
R5, R8
2
0
Ω
Yageo
RC0805JR-070RL
higher, 0805
Surface mount resistor, 1/10 W or
18
R3
1
499 k
Ω
Yageo
RC0805FR-07499KL
higher, 0805
Surface mount resistor, 1/10 W or
19
R11-12
2
3.3 k
Ω
Yageo
RC0805JR-073K3L
higher, 0805
20
U5
1
SHT21
IC, humidity and temperature sensor
Sensirion AG
SHT21
Switch, 1P1T, PB momentary,
21
S1-2
2
7914G
Bourns
7914G
100 mA, SM, 0.19 x 0.18 inch
22
U1
1
TMP006AIYZFT
IC, infrared thermopile sensor
Texas Instruments
TMP006YZF
TPS75118Q
IC, low dropout voltage regulator,
23
U6
1
Texas Instruments
TPS75118QPWP
PWP
1.8 V, 1.5 A
(1)
These assemblies are ESD sensitive. ESD precautions shall be observed.
(2)
These assemblies must be clean and free from flux and all contaminants. Use of no clean flux is not acceptable.
(3)
These assemblies must comply with workmanship standards IPC-A-610 Class 2.
(4)
A dielectric with a higher thermal range and/or lower capacitance variation is also permitted (for example, X7R, X9R).
7
SPMU290 – April 2013
BOOSTXL-SENSHUB Sensor Hub BoosterPack
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Similar Part No. - TMP006YZF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI-TMP006 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI1-TMP006 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006AIYZFR TI1-TMP006AIYZFR Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006AIYZFR TI-TMP006AIYZFR Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results

Similar Description - TMP006YZF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPMT282 TI1-SPMT282 Datasheet
108Kb / 2P
[Old version datasheet]   Sensor Hub BoosterPack
logo
TEXAS ADVANCED OPTOELEC...
BOOSTXL-DRV8301 TAOS-BOOSTXL-DRV8301 Datasheet
4Mb / 13P
   BOOSTXL-DRV8301 HARDWARE
logo
Agilent(Hewlett-Packard...
E1736A HP-E1736A Datasheet
243Kb / 1P
   USB Sensor Hub
logo
Texas Instruments
SLAU440 TI1-SLAU440 Datasheet
600Kb / 11P
[Old version datasheet]   430BOOST-TMP006 BoosterPack
C2000 TI1-C2000 Datasheet
1,013Kb / 15P
[Old version datasheet]   C2000 LED BoosterPack
SWRU312B TI1-SWRU312B Datasheet
1Mb / 9P
[Old version datasheet]   AIR BoosterPack Quick Start Guide
logo
Anaren Microwave
A2530R24A ANAREN-A2530R24A_12 Datasheet
3Mb / 45P
   AIR BoosterPack User?셲 Manual
logo
LAPIS Semiconductor Co....
ML610Q794G LAPIS-ML610Q794G Datasheet
495Kb / 28P
   Sensor Control Hub 8-bit Microcontroller
logo
Analog Devices
ADT7470 AD-ADT7470_17 Datasheet
597Kb / 41P
   Temperature Sensor Hub and Fan Controller
logo
List of Unclassifed Man...
ML610Q794G ETC2-ML610Q794G Datasheet
495Kb / 28P
   Sensor Control Hub 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com