Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP7113SGD5V Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP7113SGD5V
Description  The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7113SGD5V Datasheet(HTML) 3 Page - Kingbright Corporation

  WP7113SGD5V_13 Datasheet HTML 1Page - Kingbright Corporation WP7113SGD5V_13 Datasheet HTML 2Page - Kingbright Corporation WP7113SGD5V_13 Datasheet HTML 3Page - Kingbright Corporation WP7113SGD5V_13 Datasheet HTML 4Page - Kingbright Corporation WP7113SGD5V_13 Datasheet HTML 5Page - Kingbright Corporation WP7113SGD5V_13 Datasheet HTML 6Page - Kingbright Corporation WP7113SGD5V_13 Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPEC NO: DSAF2429
REV NO: V.4B
DATE: MAR/30/2013
PAGE: 3 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Q.M.Chen
ERP: 1101010230
Super Bright Green
WP7113SGD5V


Similar Part No. - WP7113SGD5V_13

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113SGD5V KINGBRIGHT-WP7113SGD5V_15 Datasheet
317Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
More results

Similar Description - WP7113SGD5V_13

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP710A10SGD5V KINGBRIGHT-WP710A10SGD5V Datasheet
307Kb / 7P
   The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
CA04-41GWA KINGBRIGHT-CA04-41GWA Datasheet
68Kb / 3P
   The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
W934GD5V KINGBRIGHT-W934GD5V Datasheet
84Kb / 3P
   THE GREEN SOURCE COLOR DEVICES ARE MADE WITH GALLIUM PHOSPHIDE GREEN LIGHT EMITTING DIODE
L1553HDT KINGBRIGHT-L1553HDT Datasheet
178Kb / 6P
   The Bright Red Source Color Devices are made with Gallium Phosphide Red Light Emitting Diode
WP710A10YD5V KINGBRIGHT-WP710A10YD5V Datasheet
312Kb / 7P
   The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
WP7113YD5V KINGBRIGHT-WP7113YD5V_13 Datasheet
310Kb / 7P
   The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
PSA08-11EWA KINGBRIGHT-PSA08-11EWA Datasheet
73Kb / 3P
   The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
WP7113ID5V KINGBRIGHT-WP7113ID5V_13 Datasheet
312Kb / 7P
   The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
WP710A10ID5V KINGBRIGHT-WP710A10ID5V Datasheet
309Kb / 7P
   The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
APHK1608VGC KINGBRIGHT-APHK1608VGC Datasheet
144Kb / 4P
   The Green source color devices are made with InGaN on SiC Light Emitting Diode.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com