Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDR8305 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDR8305
Description  Dual N-Channel 2.5V Specified PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDR8305 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDR8305 Datasheet HTML 1Page - Fairchild Semiconductor FDR8305 Datasheet HTML 2Page - Fairchild Semiconductor FDR8305 Datasheet HTML 3Page - Fairchild Semiconductor FDR8305 Datasheet HTML 4Page - Fairchild Semiconductor FDR8305 Datasheet HTML 5Page - Fairchild Semiconductor FDR8305 Datasheet HTML 6Page - Fairchild Semiconductor FDR8305 Datasheet HTML 7Page - Fairchild Semiconductor FDR8305 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FD8305N Rev. C
FDR8305N
Dual N-Channel 2.5V Specified PowerTrench
MOSFET
General Description
These N-Channel 2.5V specified MOSFETs are produced
using Fairchild Semiconductor's advanced PowerTrench
process that has been especially tailored to minimize the
on-state resistance and yet maintain low gate charge for
superior switching performance.
Applications
Load switch
Motor driving
Power Management
November 1999
Features
4.5 A, 20 V. R
DS(ON) = 0.022 Ω @ VGS = 4.5 V
R
DS(ON) = 0.028 Ω @ VGS = 2.5 V.
Low gate charge (16.2nC typical).
Fast switching speed.
High performance trench technology for extremely
low R
DS(ON).
Small footprint (38% smaller than a standard SO-8);low
profile package (1 mm thick); power handling capability
similar to SO-8.
1999 Fairchild Semiconductor Corporation
Absolute Maximum Ratings T
A
= 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±8
V
ID
Drain Current
- Continuous
(Note 1a)
4.5
A
- Pulsed
20
PD
Power Dissipation for Single Operation
(Note 1a)
0.8
W
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
156
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
.8305
FDR8305N
13’’
12mm
3000 units
D1
D2
D2
D1
G1
G2
S1
S2
SuperSOT -8
TM
1
5
7
8
6
4
3
2


Similar Part No. - FDR8305

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDR8308P FAIRCHILD-FDR8308P Datasheet
268Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
More results

Similar Description - FDR8305

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDC6000NZ FAIRCHILD-FDC6000NZ Datasheet
174Kb / 7P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2512NZ FAIRCHILD-FDW2512NZ Datasheet
269Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_08 Datasheet
229Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2511NZ FAIRCHILD-FDW2511NZ Datasheet
267Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com