Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV70012DSER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70012DSER
Description  200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70012DSER Datasheet(HTML) 5 Page - Texas Instruments

  TLV70012DSER Datasheet HTML 1Page - Texas Instruments TLV70012DSER Datasheet HTML 2Page - Texas Instruments TLV70012DSER Datasheet HTML 3Page - Texas Instruments TLV70012DSER Datasheet HTML 4Page - Texas Instruments TLV70012DSER Datasheet HTML 5Page - Texas Instruments TLV70012DSER Datasheet HTML 6Page - Texas Instruments TLV70012DSER Datasheet HTML 7Page - Texas Instruments TLV70012DSER Datasheet HTML 8Page - Texas Instruments TLV70012DSER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
EN
N/C
(1)
N/C
(1)
6
5
4
IN
GND
OUT
1
2
3
OUT
N/C
(1)
IN
GND
EN
1
2
3
5
4
OUT
N/C
(1)
IN
GND
EN
1
2
3
4
5
TLV700xx
www.ti.com
SLVSA00D – SEPTEMBER 2009 – REVISED NOVEMBER 2012
PIN CONFIGURATIONS
DDC PACKAGE
DCK PACKAGE
TSOT23-5
SC70-5
(TOP VIEW)
(TOP VIEW)
DSE PACKAGE
SON-6
(TOP VIEW)
(1)
No connection.
PIN DESCRIPTIONS
SON-6
SC70-5
TSOT23-5
NAME
DSE
DCK
DDC
DESCRIPTION
Input pin. A small 1-
μF ceramic capacitor is recommended from this pin to ground
IN
1
1
1
to assure stability and good transient performance. See Input and Output Capacitor
Requirements in the Application Information section for more details.
GND
2
2
2
Ground pin
Enable pin. Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V
EN
6
3
3
puts the regulator into shutdown mode and reduces operating current to 1
μA,
nominal.
NC
4, 5
4
4
No connection. This pin can be tied to ground to improve thermal dissipation.
Regulated output voltage pin. A small 1-
μF ceramic capacitor is needed from this
OUT
3
5
5
pin to ground to assure stability. See Input and Output Capacitor Requirements in
the Application Information section for more details.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TLV70012DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70012DSER TI-TLV70012DSER Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012DSER TI-TLV70012DSER Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70012DSER TI-TLV70012DSER Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70012DSER TI-TLV70012DSER Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70012DSER TI-TLV70012DSER Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70012DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70028-Q1 TI1-TLV70028-Q1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70012A-Q1 TI1-TLV70012A-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com