Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDR6678A Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDR6678A
Description  30V N-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDR6678A Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDR6678A Datasheet HTML 1Page - Fairchild Semiconductor FDR6678A Datasheet HTML 2Page - Fairchild Semiconductor FDR6678A Datasheet HTML 3Page - Fairchild Semiconductor FDR6678A Datasheet HTML 4Page - Fairchild Semiconductor FDR6678A Datasheet HTML 5Page - Fairchild Semiconductor FDR6678A Datasheet HTML 6Page - Fairchild Semiconductor FDR6678A Datasheet HTML 7Page - Fairchild Semiconductor FDR6678A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 1998 Fairchild Semiconductor Corporation
Dimensions are in millimeter
Pkg type
A0
B0
W
D0
D1
E1
E2
F
P1
P0
K0
T
Wc
Tc
SSOT-8
(12mm)
4.47
+/-0.10
5.00
+/-0.10
12.0
+/-0.3
1.55
+/-0.05
1.50
+/-0.10
1.75
+/-0.10
10.25
mi n
5.50
+/-0.05
8.0
+/-0.1
4.0
+/-0.1
1.37
+/-0.10
0.280
+/-0.150
9.5
+/-0.025
0.06
+/-0.02
P1
A0
D1
P0
F
W
E1
D0
E2
B0
Tc
Wc
K0
T
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
Dim W3 (LSL-USL)
12mm
7" Dia
7.00
177.8
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
5.906
150
0.488 +0.078/-0.000
12.4 +2/0
0.724
18.4
0.469 – 0.606
11.9 – 15.4
12mm
13" Dia
13.00
330
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
7.00
178
0.488 +0.078/-0.000
12.4 +2/0
0.724
18.4
0.469 – 0.606
11.9 – 15.4
See detail AA
Dim A
max
13" Diameter Option
7" Diameter Option
Dim A
Max
See detail AA
W3
W2 max Measured at Hub
W1 Measured at Hub
Dim N
Dim D
min
Dim C
B Min
DETAIL AA
Notes : A0, B0, and K0 di mens ions are deter mined with r espec t to t he EIA/Jedec RS-481
rotati ona l and lateral movement requi remen ts (see sketches A, B, and C).
20 deg maximum component rotation
0.5mm
maximum
0.5mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
20 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Si de or Front Sectional View)
Component Rotation
User Direction of Feed
SSOT-8 Embossed Carrier Tape
Configuration: Figur e 3.0
SSOT-8 Reel Configuration: Figur e 4.0
SuperSOTTM-8 Tape and Reel Data and Package Dimensions, continued
July 1999, Rev. C


Similar Part No. - FDR6678A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDR6674A FAIRCHILD-FDR6674A Datasheet
107Kb / 5P
   30V N-Channel PowerTrench MOSFET
logo
Analog Devices
FDR6674A AD-FDR6674A Datasheet
416Kb / 24P
   Thermoelectric Cooler Controller
REV. C
FDR6674A AD-FDR6674A Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
More results

Similar Description - FDR6678A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com