Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT16LSDF6464LHY-133 Datasheet(PDF) 9 Page - Micron Technology

Part # MT16LSDF6464LHY-133
Description  SMALL-OUTLINE SDRAM MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT16LSDF6464LHY-133 Datasheet(HTML) 9 Page - Micron Technology

Back Button MT16LSDF6464LHY-133 Datasheet HTML 5Page - Micron Technology MT16LSDF6464LHY-133 Datasheet HTML 6Page - Micron Technology MT16LSDF6464LHY-133 Datasheet HTML 7Page - Micron Technology MT16LSDF6464LHY-133 Datasheet HTML 8Page - Micron Technology MT16LSDF6464LHY-133 Datasheet HTML 9Page - Micron Technology MT16LSDF6464LHY-133 Datasheet HTML 10Page - Micron Technology MT16LSDF6464LHY-133 Datasheet HTML 11Page - Micron Technology MT16LSDF6464LHY-133 Datasheet HTML 12Page - Micron Technology MT16LSDF6464LHY-133 Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
256MB, 512MB (x64, DR)
144-PIN SDRAM SODIMM
pdf: 09005aef807924d2, source: 09005aef807924f1
Micron Technology, Inc., reserves the right to change products or specifications without notice.
SDF16C32_64x64HG.fm - Rev. E 4/06 EN
9
©2006 Micron Technology, Inc. All rights reserved.
NOTE:
1. For full-page accesses: y = 1,024 (both 256MB and
512MB modules)
2. For a burst length of two, A1–A9 select the block-of-
two burst; A0 selects the starting column within the
block.
3. For a burst length of four, A2–A9 select the block-of-
four burst; A0–A1 select the starting column within the
block.
4. For a burst length of eight, A3–A9 select the block-of-
eight burst; A0–A2 select the starting column within
the block.
5. For a full-page burst, the full row is selected and A0–A9
select the starting column.
6. Whenever a boundary of the block is reached within a
given sequence above, the following access wraps
within the block.
7. For a burst length of one, A0–A9 select the unique col-
umn to be accessed, and mode register bit M3 is
ignored.
Figure 5: CL Diagram
Burst Type
Accesses within a given burst may be programmed
to be either sequential or interleaved; this is referred to
as the burst type and is selected via bit M3.
The ordering of accesses within a burst is deter-
mined by the burst length, the burst type, and the
starting column address, as shown in Table 7.
CAS Latency (CL)
CL is the delay, in clock cycles, between the registra-
tion of a READ command and the availability of the
first piece of output data. The latency can be set to two
or three clocks.
If a READ command is registered at clock edge n,
and the latency is m clocks, the data will be available
by clock edge n + m. The DQ will start driving as a
result of the clock edge one cycle earlier (n + m - 1),
and provided that the relevant access times are met,
the data will be valid by clock edge n + m. For example,
assuming that the clock cycle time is such that all rele-
vant access times are met, if a READ command is regis-
tered at T0 and the latency is programmed to two
clocks, the DQ will start driving after T1 and the data
will be valid by T2, as shown in Figure 4 on page 8.
Table 8 on page 10 indicates the operating frequencies
at which each CL setting can be used.
Reserved states should not be used as unknown
operation or incompatibility with future versions may
result.
Table 7:
Burst Definition Table
BURST
LENGTH
STARTING
COLUMN
ADDRESS
ORDER OF ACCESSES
WITHIN A BURST
TYPE =
SEQUENTIAL
TYPE =
INTERLEAVED
2
A0
00-1
0-1
11-0
1-0
4
A1 A0
0
0
0-1-2-3
0-1-2-3
0
1
1-2-3-0
1-0-3-2
1
0
2-3-0-1
2-3-0-1
1
1
3-0-1-2
3-2-1-0
8
A2 A1 A0
0
0
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0
0
1
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
0
1
0
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
0
1
1
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
1
0
0
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
1
0
1
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
1
1
0
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
1
1
1
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0
Full
Page
(y)
n = A0-A9
(location
0-y)
Cn, Cn + 1, Cn + 2
Cn + 3, Cn + 4...
…Cn - 1, Cn…
Not supported
CLK
DQ
T2
T1
T3
T0
CAS Latency = 3
LZ
DOUT
tOH
t
COMMAND
NOP
READ
tAC
NOP
T4
NOP
DON’T CARE
UNDEFINED
CLK
DQ
T2
T1
T3
T0
CAS Latency = 2
LZ
DOUT
tOH
t
COMMAND
NOP
READ
tAC
NOP


Similar Part No. - MT16LSDF6464LHY-133

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT16LSDT1664A MICRON-MT16LSDT1664A Datasheet
1Mb / 20P
   8,16 MEG x 64 SDRAM DIMMs
MT16LSDT6464A MICRON-MT16LSDT6464A Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
MT16LSDT6464A(I) MICRON-MT16LSDT6464A(I) Datasheet
525Kb / 28P
   Synchronous DRAM Module
MT16LSDT6464AG-10E MICRON-MT16LSDT6464AG-10E Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
MT16LSDT6464AG-133 MICRON-MT16LSDT6464AG-133 Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
More results

Similar Description - MT16LSDF6464LHY-133

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT8LSDT864 MICRON-MT8LSDT864 Datasheet
1Mb / 27P
   SMALL-OUTLINE SDRAM MODULE
MT4LSDT1664HG MICRON-MT4LSDT1664HG Datasheet
342Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT16VDDF6464H MICRON-MT16VDDF6464H Datasheet
551Kb / 31P
   SMALL-OUTLINE DDR SDRAM DIMM
MT5VDDT1672HG MICRON-MT5VDDT1672HG Datasheet
301Kb / 16P
   DDR SDRAM Small-Outline DIMM
MT4LDT464H MICRON-MT4LDT464H Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
MT2LDT432H MICRON-MT2LDT432H Datasheet
399Kb / 25P
   SMALL-OUTLINE DRAM MODULE
logo
Qimonda AG
HYS64T256022EDL QIMONDA-HYS64T256022EDL Datasheet
2Mb / 40P
   200-Pin Dual Die Small-Outline-DDR2-SDRAM Modules
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
   Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M456 AVAGO-HCPL-M456 Datasheet
197Kb / 14P
   Small Outline, 5 Lead Intelligent Power Module Optocoupler
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
   Small Outline Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com