Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT16LSDF6464LHY-133 Datasheet(PDF) 8 Page - Micron Technology

Part # MT16LSDF6464LHY-133
Description  SMALL-OUTLINE SDRAM MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT16LSDF6464LHY-133 Datasheet(HTML) 8 Page - Micron Technology

Back Button MT16LSDF6464LHY-133 Datasheet HTML 4Page - Micron Technology MT16LSDF6464LHY-133 Datasheet HTML 5Page - Micron Technology MT16LSDF6464LHY-133 Datasheet HTML 6Page - Micron Technology MT16LSDF6464LHY-133 Datasheet HTML 7Page - Micron Technology MT16LSDF6464LHY-133 Datasheet HTML 8Page - Micron Technology MT16LSDF6464LHY-133 Datasheet HTML 9Page - Micron Technology MT16LSDF6464LHY-133 Datasheet HTML 10Page - Micron Technology MT16LSDF6464LHY-133 Datasheet HTML 11Page - Micron Technology MT16LSDF6464LHY-133 Datasheet HTML 12Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
256MB, 512MB (x64, DR)
144-PIN SDRAM SODIMM
pdf: 09005aef807924d2, source: 09005aef807924f1
Micron Technology, Inc., reserves the right to change products or specifications without notice.
SDF16C32_64x64HG.fm - Rev. E 4/06 EN
8
©2006 Micron Technology, Inc. All rights reserved.
Mode register bits M0–M2 specify the burst length,
M3 specifies the type of burst (sequential or inter-
leaved), M4–M6 specify the CL, M7 and M8 specify the
operating mode, M9 specifies the write burst mode,
and M10 and M11 are reserved for future use. For the
256MB and 512MB, M12 (A12) is undefined, but
should be driven LOW during loading of the mode reg-
ister.
The mode register must be loaded when all device
banks are idle, and the controller must wait the speci-
fied time before initiating the subsequent operation.
Violating either of these requirements will result in
unspecified operation.
Burst Length
Read and write accesses to the SDRAM are burst ori-
ented, with the burst length being programmable, as
shown in Figure 4. The burst length determines the
maximum number of column locations that can be
accessed for a given READ or WRITE command. Burst
lengths of 1, 2, 4, or 8 locations are available for both
the sequential and the interleaved burst types, and a
full-page burst is available for the sequential type. The
full-page burst is used in conjunction with the BURST
TERMINATE command to generate arbitrary burst
lengths.
Reserved states should not be used, as unknown
operation or incompatibility with future versions may
result.
When a READ or WRITE command is issued, a block
of columns equal to the burst length is effectively
selected. All accesses for that burst take place within
this block, meaning that the burst will wrap within the
block if a boundary is reached, as shown in Table 7 on
page 9. The block is uniquely selected by A1–A9 when
the burst length is set to two; by A2–A9 when the burst
length is set to four; and by A3–A9 when the burst
length is set to eight. The remaining (least significant)
address bit(s) is (are) used to select the starting loca-
tion within the block. Full-page bursts wrap within the
page if the boundary is reached, as shown in Table 7 on
page 9.
Figure 4: Mode Register Definition
Diagram
M3 = 0
1
2
4
8
Reserved
Reserved
Reserved
Full Page
M3 = 1
1
2
4
8
Reserved
Reserved
Reserved
Reserved
Operating Mode
Standard operation
All other states reserved
0
-
0
-
Defined
-
0
1
Burst Type
Sequential
Interleaved
CAS Latency
Reserved
Reserved
2
3
Reserved
Reserved
Reserved
Reserved
Burst Length
512MB Module
256MB Module
M0
0
1
0
1
0
1
0
1
Burst Length
CAS LatencyBT
A9
A7 A6 A5 A4 A3
A8
A2 A1 A0
Mode Register (Mx)
Address Bus
97
6
54
3
82
1
0
M1
0
0
1
1
0
0
1
1
M2
0
0
0
0
1
1
1
1
M3
M4
0
1
0
1
0
1
0
1
M5
0
0
1
1
0
0
1
1
M6
0
0
0
0
1
1
1
1
M6-M0
M8
M7
Op Mode
A10
A11
10
11
Reserved*WB
0
1
Write Burst Mode
Programmed burst length
Single location access
M9
*Should program
M12, M11, and
M10 = “0, 0, 0”
to ensure
compatibility with
future devices.
*Should program
M11 and M10 = “0, 0”
to ensure compatibility
with future devices.
A12
12
Burst Length
CAS LatencyBT
A9
A7 A6 A5 A4 A3
A8
A2 A1 A0
Mode Register (Mx)
Address Bus
97
6
54
3
82
1
0
Op Mode
A10
A11
10
11
Reserved* WB


Similar Part No. - MT16LSDF6464LHY-133

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT16LSDT1664A MICRON-MT16LSDT1664A Datasheet
1Mb / 20P
   8,16 MEG x 64 SDRAM DIMMs
MT16LSDT6464A MICRON-MT16LSDT6464A Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
MT16LSDT6464A(I) MICRON-MT16LSDT6464A(I) Datasheet
525Kb / 28P
   Synchronous DRAM Module
MT16LSDT6464AG-10E MICRON-MT16LSDT6464AG-10E Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
MT16LSDT6464AG-133 MICRON-MT16LSDT6464AG-133 Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
More results

Similar Description - MT16LSDF6464LHY-133

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT8LSDT864 MICRON-MT8LSDT864 Datasheet
1Mb / 27P
   SMALL-OUTLINE SDRAM MODULE
MT4LSDT1664HG MICRON-MT4LSDT1664HG Datasheet
342Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT16VDDF6464H MICRON-MT16VDDF6464H Datasheet
551Kb / 31P
   SMALL-OUTLINE DDR SDRAM DIMM
MT5VDDT1672HG MICRON-MT5VDDT1672HG Datasheet
301Kb / 16P
   DDR SDRAM Small-Outline DIMM
MT4LDT464H MICRON-MT4LDT464H Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
MT2LDT432H MICRON-MT2LDT432H Datasheet
399Kb / 25P
   SMALL-OUTLINE DRAM MODULE
logo
Qimonda AG
HYS64T256022EDL QIMONDA-HYS64T256022EDL Datasheet
2Mb / 40P
   200-Pin Dual Die Small-Outline-DDR2-SDRAM Modules
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
   Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M456 AVAGO-HCPL-M456 Datasheet
197Kb / 14P
   Small Outline, 5 Lead Intelligent Power Module Optocoupler
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
   Small Outline Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com