Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB8040A1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040A1
Description  Four-Port USB 3.0 Hub
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040A1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB8040A1 Datasheet HTML 7Page - Texas Instruments TUSB8040A1 Datasheet HTML 8Page - Texas Instruments TUSB8040A1 Datasheet HTML 9Page - Texas Instruments TUSB8040A1 Datasheet HTML 10Page - Texas Instruments TUSB8040A1 Datasheet HTML 11Page - Texas Instruments TUSB8040A1 Datasheet HTML 12Page - Texas Instruments TUSB8040A1 Datasheet HTML 13Page - Texas Instruments TUSB8040A1 Datasheet HTML 14Page - Texas Instruments TUSB8040A1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TUSB8040A1
www.ti.com
SLLSEE5A – FEBRUARY 2013 – REVISED MAY 2013
2.1
Signal Descriptions
Table 2-1. Signal Descriptions
TYPE
DESCRIPTION
I
Input
O
Output
I/O
Input/output
PD, PU
Internal pull-down/pull-up
PT
Passive pass through
P
Power Supply
G
Ground
2.2
Clock and Reset Signals
Table 2-2. Clock and Reset Signals
PIN
SIGNAL NAME
TYPE
DESCRIPTION
NO.
Global power reset. This reset brings all of the TUSB8040A1 internal registers to their default
GRSTz
I, PU
A18
states. When GRSTz is asserted, the device is completely nonfunctional. GRSTz should be
asserted a minimum of 3 ms after all power rails are valid at the device.
Crystal input. This terminal is the crystal input for the internal oscillator. The input may alternately be
XI
I
A49
driven by the output of an external oscillator. When using a crystal a 1-M
Ω feedback resistor is
required between XI and XO.
Crystal output. This terminal is crystal output for the internal oscillator. If XI is driven by an external
XO
O
A48
oscillator this pin may be left unconnected. When using a crystal a 1-M
Ω feedback resistor is
required between XI and XO.
Oscillator return. If using a crystal, the load capacitors should use this signal as the return path and
VSSOSC
I
B45
it should not be connected to the PCB ground. If using an oscillator, this terminal should be
connected to PCB Ground.
2.3
USB Upstream Signals
Table 2-3. USB Upstream Signals
SIGNAL NAME
TYPE
PIN NO.
DESCRIPTION
USB_SSTXP_UP
O
B39
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_UP
O
A42
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_UP
I
A44
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_UP
I
B40
USB SuperSpeed receiver differential pair (negative)
USB_DP_UP
I/O
A46
USB high-speed differential transceiver (positive)
USB_DM_UP
I/O
B42
USB high-speed differential transceiver (negative)
Precision resistor reference. A 9.09-k
Ω ±1% resistor should be connected between
USB_R1
PT
A50
USB_R1 and USB_R1RTN.
USB_R1RTN
PT
B47
Precision resistor reference return
USB upstream port power monitor. The VBUS detection requires a voltage divider. The
USB_VBUS
I
B44
signal USB_VBUS must be connected to VBUS through a 90.9-k
Ω ±1% resistor, and to
ground through a 10-k
Ω ±1% resistor from the signal to ground.
Copyright © 2013, Texas Instruments Incorporated
PIN DESCRIPTIONS
11
Submit Documentation Feedback
Product Folder Links: TUSB8040A1


Similar Part No. - TUSB8040A1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
TUSB8040ARKMR TI1-TUSB8040ARKMR Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
TUSB8040ARKMT TI1-TUSB8040ARKMT Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
More results

Similar Description - TUSB8040A1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8041-Q1 TI1-TUSB8041-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Automotive Four-Port USB 3.0 Hub
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
[Old version datasheet]   Four-Port and Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040 Datasheet
300Kb / 27P
[Old version datasheet]   USB 3.0 Four Port Hub High-Speed Upstream Connection
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
[Old version datasheet]   Two-Port USB 3.0 Hub
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
   4-port USB 3.0 hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com