Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3DV642 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TS3DV642
Description  12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3DV642 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS3DV642 Datasheet HTML 5Page - Texas Instruments TS3DV642 Datasheet HTML 6Page - Texas Instruments TS3DV642 Datasheet HTML 7Page - Texas Instruments TS3DV642 Datasheet HTML 8Page - Texas Instruments TS3DV642 Datasheet HTML 9Page - Texas Instruments TS3DV642 Datasheet HTML 10Page - Texas Instruments TS3DV642 Datasheet HTML 11Page - Texas Instruments TS3DV642 Datasheet HTML 12Page - Texas Instruments TS3DV642 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
-120
-100
-80
-60
-40
-20
0
100000
1000000
10000000
100000000
1E+09
1E+10
Frequency (Hz)
C002
±100
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
1.00E+05
1.00E+06
1.00E+07
1.00E+08
1.00E+09
1.00E+10
Frequency (Hz)
C001
TS3DV642
www.ti.com
SCDS343 – MAY 2013
TYPICAL CHARACTERISTICS (continued)
Figure 10. XTALK Port A
Figure 11. XTALK Port B
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TS3DV642


Similar Part No. - TS3DV642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV642 TI-TS3DV642 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642-Q1 TI-TS3DV642-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642RUARQ1 TI-TS3DV642RUARQ1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642RUATQ1 TI-TS3DV642RUATQ1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642 TI-TS3DV642_15 Datasheet
1Mb / 30P
[Old version datasheet]   TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode
More results

Similar Description - TS3DV642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV642 TI-TS3DV642_15 Datasheet
1Mb / 30P
[Old version datasheet]   TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
   12-Channel, 2:1 Mux/DeMux Bus Switch
PI3L720ZHE PERICOM-PI3L720ZHE Datasheet
563Kb / 10P
   2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Power-down Mode
logo
Texas Instruments
TS3DDR3812 TI-TS3DDR3812 Datasheet
529Kb / 18P
[Old version datasheet]   12-Channel, 1:2 MUX/DEMUX Switch for DDR3 Applications
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
   Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI2USB3212 PERICOM-PI2USB3212_14 Datasheet
894Kb / 8P
   5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
logo
ON Semiconductor
NCN7200 ONSEMI-NCN7200 Datasheet
123Kb / 10P
   Gigabit Ethernet LAN Switch with 2:1 Mux/ DeMux and Power-down Feature
March, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com