Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEJ2D1509SC Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # MEJ2D1509SC
Description  5.2kVDC Isolated 2W DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MEJ2D1509SC Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  MEJ2D1509SC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MEJ2D1509SC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MEJ2D1509SC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MEJ2D1509SC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MEJ2D1509SC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MEJ2D1509SC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MEJ2D1509SC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MEJ2 Series
5.2kVDC Isolated 2W DC/DC Converters
KDC_MEJ2C.B01 Page 5 of 7
www.murata-ps.com/support
EFFICIENCY VS LOAD
MEJ2S03XXSC
MEJ2S05XXSC
MEJ2S12XXSC
MEJ2S15XXSC
0
10
20
30
40
50
60
70
80
90
0
102030405060708090
100
Load (%)
5V
3.3V
0
10
20
30
40
50
60
70
80
90
0
102030405060708090
100
Load (%)
5V
9V
12V
15V
3.3V
0
10
20
30
40
50
60
70
80
90
0
102030405060708090
100
Load (%)
5V
9V
12V
15V
3.3V
0
10
20
30
40
50
60
70
80
90
0
102030405060708090
100
Load (%)
5V
9V
12V
15V


Similar Part No. - MEJ2D1509SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MEJ2D1509SC MURATA-PS-MEJ2D1509SC Datasheet
323Kb / 10P
   5.2kVDC Isolated 2W DC-DC Converters
2023
More results

Similar Description - MEJ2D1509SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MGJ2 MURATA-PS-MGJ2 Datasheet
214Kb / 8P
   5.2kVDC Isolated 2W Gate Drive DC/DC Converters
MEJ1 MURATA-PS-MEJ1 Datasheet
254Kb / 9P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMJ MURATA-KDC_NMJ Datasheet
155Kb / 6P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Toppower Electronic Tec...
TPJXXX-3W TOPPOWER-TPJXXX-3W Datasheet
359Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W_V01 Datasheet
434Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX TOPPOWER-TPJXXX Datasheet
379Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX TOPPOWER-TPJXXX_V01 Datasheet
365Kb / 5P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
logo
Murata Power Solutions ...
MGJ6 MURATA-PS-MGJ6 Datasheet
210Kb / 10P
   5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
MGJ3 MURATA-PS-MGJ3 Datasheet
1Mb / 10P
   5.2kVDC Isolated 3W Gate Drive SM DC/DC Converters
logo
Texas Instruments
DCP02 TI-DCP02_08 Datasheet
767Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com