Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2513DBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2513DBVT
Description  USB Dedicated Charging Port Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2513DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2513DBVT Datasheet HTML 7Page - Texas Instruments TPS2513DBVT Datasheet HTML 8Page - Texas Instruments TPS2513DBVT Datasheet HTML 9Page - Texas Instruments TPS2513DBVT Datasheet HTML 10Page - Texas Instruments TPS2513DBVT Datasheet HTML 11Page - Texas Instruments TPS2513DBVT Datasheet HTML 12Page - Texas Instruments TPS2513DBVT Datasheet HTML 13Page - Texas Instruments TPS2513DBVT Datasheet HTML 14Page - Texas Instruments TPS2513DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
D-
D+
VBUS
5.0 V
DP1
DM1
TPS2513, TPS2514
GND
D-
D+
VBUS
5.0 V
DP1
DM1
TPS2513, TPS2514
GND
TPS2513
TPS2514
www.ti.com
SLVSBY8A – MAY 2013 – REVISED MAY 2013
APPLICATION INFORMATION
The TPS2513 and TPS2514 only provide the correct electrical signatures on the data line of USB charger port
and do not provide any power for the VBUS.
Divide Mode Selection of 5-W and 10-W USB Chargers
The TPS2513 and TPS2514 provide two types of connections between the DP pin and the DM pin and between
the D+ data line and the D– data line of the USB connector for a 5-W USB charger and a 10-W USB charger
with a single USB port. For 5-W USB charger, the DP1 pin is connected to the D– line and the DM1 pin is
connected to the D+ line. This is shown in Figure 13. For 10-W USB charger, the DP1 pin is connected to the D+
line and the DM1 pin is connected to the D– line. This is shown in Figure 14. Table 4 shows different charging
schemes for both 5-W and 10-W USB charger solutions. DP2 and DM2 of TPS2513 also provides this two types
of connections.
Table 4. Charging Schemes for 5-W and 10-W USB Chargers
USB CHARGER TYPE
CONTAINING CHARGING SCHEMES
5-W
Divider 1
1.2 V on both D+ and D– Lines
BC1.2 DCP
10 -W
Divider 2
1.2 V on both D+ and D– Lines
BC1.2 DCP
Figure 13. 5-W USB Charger Application
Figure 14. 10-W USB Charger Application
Layout Guidelines
Place the TPS2513 and TPS2514 near the USB output connector and place the 0.1-
μF bypass capacitor near
the IN pin.
spacer
REVISION HISTORY
Changes from Original (May 2013) to Revision A
Page
Changed the device From: Product Preview To: Production ................................................................................................ 1
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS2513 TPS2514


Similar Part No. - TPS2513DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2513DBVT TI1-TPS2513DBVT Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
More results

Similar Description - TPS2513DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
   USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
   USB dedicated charging port controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7103 UPI-UP7103 Datasheet
86Kb / 9P
   USB Dedicated Charging Port Controller
UP7102 UPI-UP7102 Datasheet
97Kb / 9P
   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1522 HMSEMI-HM1522 Datasheet
571Kb / 11P
   USB dedicated charging port controller
logo
SHANGHAI BELLING CO., L...
BL2513A BELLING-BL2513A Datasheet
524Kb / 12P
   USB dedicated charging port (DCP) controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com