Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDR4410 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDR4410
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDR4410 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDR4410 Datasheet HTML 1Page - Fairchild Semiconductor FDR4410 Datasheet HTML 2Page - Fairchild Semiconductor FDR4410 Datasheet HTML 3Page - Fairchild Semiconductor FDR4410 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
April 1998
FDR4410
N-Channel Enhancement Mode Field Effect Transistor
General Description
Features
Absolute Maximum Ratings T
A = 25
oC unless otherwise noted
Symbol
Parameter
FDR4410
Units
V
DSS
Drain-Source Voltage
30
V
V
GSS
Gate-Source Voltage
±20
V
I
D
Draint Current
- Continuous
(Note 1a)
9.3
A
- Pulsed
40
P
D
Maximum Power Dissipation
(Note 1a)
1.8
W
(Note 1b)
1
(Note 1c)
0.9
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient (Note 1a)
70
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
20
°C/W
FDR4410 Rev.C
9.3 A, 30 V. R
DS(ON) = 0.013 @ VGS = 10 V
R
DS(ON) = 0.020 @ VGS = 4.5 V.
High density cell design for extremely low R
DS(ON).
Proprietary SuperSOT
TM-8 small outline surface mount
package with high power and current handling capability.
The FDR4410 has been designed as a smaller, low cost
alternative to the popular Si4410DY.
The SuperSOT
TM-8 package is 40% smaller than the SO-8
package.
The
SuperSOT
TM-8
advanced
package
design
and
optimized pinout allow the typical power dissipation to be
similar to the bigger SO-8 package.
SOT-23
SuperSOT
TM-8
SOIC-16
SO-8
SOT-223
SuperSOT
TM-6
D
S
D
D
S
D
D
G
SuperSOT -8
TM
pin 1
4410
1
5
6
7
8
4
3
2
© 1998 Fairchild Semiconductor Corporation


Similar Part No. - FDR4410

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDR4420A FAIRCHILD-FDR4420A Datasheet
224Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDR4420A FAIRCHILD-FDR4420A Datasheet
67Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDR4420A FAIRCHILD-FDR4420A_07 Datasheet
67Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
More results

Similar Description - FDR4410

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com