Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSA28 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPSA28
Description  Darlington Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSA28 Datasheet(HTML) 3 Page - Motorola, Inc

  MPSA28 Datasheet HTML 1Page - Motorola, Inc MPSA28 Datasheet HTML 2Page - Motorola, Inc MPSA28 Datasheet HTML 3Page - Motorola, Inc MPSA28 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPSA28 MPSA29
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. DC Current Gain
Figure 2. “ON” Voltages
Figure 3. Temperature Coefficients
Figure 4. Collector Saturation Region
Figure 5. Active Region — Safe Operating
Area
Figure 6. High Frequency Current Gain
100
1 k
1.0
IC, COLLECTOR CURRENT (mA)
200
100
20
50
10
IC, COLLECTOR CURRENT (mA)
100
1 k
1.0
1.4
1.0
0.8
0.6
100
500
1.0
IC, COLLECTOR CURRENT (mA)
0
–1.0
–2.0
–3.0
–4.0
–5.0
IB, BASE CURRENT (mA)
1.0
0.2
2.4
2.0
1.6
1.2
0.8
0.4
2.0
200
2.0
10
1.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
1 k
200
100
50
20
10
IC, COLLECTOR CURRENT (mA)
1.0
100
0.3
10
5.0
2.0
1.0
0.2
0.1
10
5.0
VCE = 5.0 V
5.0
2.0
1.0
10
2.0
5.0
20
50
200
500
TA = 125°C
TA = 25°C
TA = –55°C
200
500
2.0
5.0
10
20
50
1.2
1.6
1.8
TA = 25°C
VBE(S) @ IC/IB = 1.0 k
VCE(S) @ IC/IB = 1.0 k
VBE(ON) @ VCE = 5.0 V
2.0
5.0
10
20
50
10
20
100 200
1 k 1.5 k
TA = 25°C
20
100
50
500
0.5
2.0
5.0
200 300
20
50
0.5
VCE = 5.0 V
TA = 25°C
f = 100 MHz
IC = 10 mA
IC = 100 mA
IC = 250 mA
IC = 500 mA
1.0 ms
1.0 s
TA = 25°C
MPSA28
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
MPSA29
100
ms
TC = 25°C
25
°C to 125°C
25
°C to 125°C
–55
°C to 25°C
–55
°C to 25°C
qVC for VCE(S)
qVB for VBE
VALID FOR DUTY CYCLE
v 10%


Similar Part No. - MPSA28

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPSA28 FAIRCHILD-MPSA28 Datasheet
122Kb / 4P
   NPN Darlington Transistor
logo
Central Semiconductor C...
MPSA28 CENTRAL-MPSA28 Datasheet
20Kb / 1P
   Small Signal Transistors
logo
ON Semiconductor
MPSA28 ONSEMI-MPSA28 Datasheet
72Kb / 4P
   Darlington Transistors
March, 2001 ??Rev. 1
MPSA28 ONSEMI-MPSA28 Datasheet
56Kb / 4P
   Darlington Transistors NPN Silicon
January, 2006 ??Rev. 2
logo
Fairchild Semiconductor
MPSA28 FAIRCHILD-MPSA28 Datasheet
634Kb / 15P
   NPN Darlington Transistor
More results

Similar Description - MPSA28

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSP25 FAIRCHILD-KSP25 Datasheet
32Kb / 4P
   Darlington Transistor
logo
Motorola, Inc
MMBT6427LT1 MOTOROLA-MMBT6427LT1 Datasheet
249Kb / 8P
   Darlington Transistor
logo
Fairchild Semiconductor
KSP63TA FAIRCHILD-KSP63TA Datasheet
40Kb / 4P
   Darlington Transistor
logo
Unisonic Technologies
PZTA14 UTC-PZTA14_15 Datasheet
102Kb / 2P
   DARLINGTON TRANSISTOR
logo
ON Semiconductor
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
192Kb / 6P
   Darlington Transistor
October, 2016 ??Rev. 5
logo
Unisonic Technologies
MPSA14 UTC-MPSA14 Datasheet
52Kb / 2P
   DARLINGTON TRANSISTOR
PZTA14 UTC-PZTA14 Datasheet
51Kb / 2P
   DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
KSP12 FAIRCHILD-KSP12 Datasheet
33Kb / 4P
   Darlington Transistor
KST63 FAIRCHILD-KST63 Datasheet
53Kb / 4P
   Darlington Transistor
logo
Motorola, Inc
MPSA62 MOTOROLA-MPSA62 Datasheet
157Kb / 4P
   Darlington Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com