Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEJ2S1209SC Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # MEJ2S1209SC
Description  5.2kVDC Isolated 2W DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MEJ2S1209SC Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  MEJ2S1209SC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MEJ2S1209SC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MEJ2S1209SC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MEJ2S1209SC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MEJ2S1209SC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MEJ2S1209SC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MEJ2S1209SC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MEJ2 Series
5.2kVDC Isolated 2W DC/DC Converters
KDC_MEJ2C.B01 Page 1 of 7
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
SELECTION GUIDE
Order Code
V
V
mA
%
mVp-p
%
kHrs
MEJ2S0303SC
3.3
3.3
606
756
14.0
17
38
55
67
70
3910
MEJ2S0305SC
3.3
5
400
784
13.0
15
50
65
70
74
3757
MEJ2S0503SC
5
3.3
606
528
10.0
15
40
55
67
70
3830
MEJ2S0505SC
5
5
400
503
8.5
10
43
55
72
75
3654
MEJ2S0509SC
5
9
222
505
8.0
11
36
50
75
78
3472
MEJ2S0512SC
5
12
167
495
8.0
12
40
55
74
77
3663
MEJ2S0515SC
5
15
133
488
7.0
10
34
45
76
79
2629
MEJ2S1203SC
12
3.3
606
207
9.5
11
43
60
70
73
3259
MEJ2S1205SC
12
5
400
214
8.0
10
43
60
75
78
3200
MEJ2S1209SC
12
9
222
205
7.0
10
35
50
75
79
2453
MEJ2S1212SC
12
12
167
207
6.5
8
35
50
76
80
2779
MEJ2S1215SC
12
15
133
205
7.0
10
32
45
76
80
2707
MEJ2S1505SC
15
5
400
171
8.5
10
44
60
73
76
2638
MEJ2S1509SC
15
9
222
165
6.5
8
35
50
74
78
2203
MEJ2S1512SC
15
12
167
164
6.5
8
38
55
74
79
2330
MEJ2S1515SC
15
15
133
166
7.0
8
36
50
74
78
2100
MEJ2D0503SC
5
±3.3
±303
535
8.5
10
26
40
67
71
3969
MEJ2D0505SC
5
±5
±200
508
7.5
9
34
50
72
76
3654
MEJ2D0509SC
5
±9
±111
510
6.5
8
27
40
76
79
3472
MEJ2D0512SC
5
±12
±83
504
5.0
8
27
40
77
80
3663
MEJ2D0515SC
5
±15
±67
492
6.5
7
20
35
76
79
2629
MEJ2D1203SC
12
±3.3
±303
205
8.0
9
37
55
72
75
3270
MEJ2D1205SC
12
±5
±200
212
7.0
8
32
45
75
79
3268
MEJ2D1209SC
12
±9
±111
206
5.5
7
27
40
77
81
2453
MEJ2D1212SC
12
±12
±83
208
5.5
7
27
40
77
81
2779
MEJ2D1215SC
12
±15
±67
203
6.0
7
24
40
78
82
2707
MEJ2D1505SC
15
±5
±200
170
7.0
9
37
50
74
78
2638
MEJ2D1509SC
15
±9
±111
163
5.5
7
26
40
76
80
2203
MEJ2D1512SC
15
±12
±83
167
5.5
7
26
40
75
80
2330
MEJ2D1515SC
15
±15
±67
167
5.5
7
23
35
75
79
2100
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 3V input types
2.97
3.3
3.63
V
Continuous operation, 5V input types
4.5
5
5.5
Continuous operation, 12V input types
10.8
12
13.2
Continuous operation, 15V input types
13.5
15
16.5
Input reflected ripple
3.3V input types
100
140
mA
5V input types
60
90
12V & 15V input types
22
40
1. Calculated using MIL-HDBK-217 FN2 calculation model with nominal input voltage at full load.
2. See safety approvals section for limitations of use.
3. See ripple & noise test method.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
„ RoHS compliant
„ Basic/supplementary isolation to UL 609502
„UL60601 (3rd Ed) recognition2
„ Power density 0.81W/cm3
„ Single and dual outputs
„ UL 94V-0 package material
„ Footprint 1.96cm2
„ SIP package style
„ 5.2kVDC isolation
„ 3.3V, 5V, 12V & 15V inputs
„ 3.3V, 5V, 9V, 12V & 15V output
„ Internal SMD construction
„ Fully encapsulated with toroidal magnetics
„ Pin compatible with the MEV, NMV, NMK, &
NMJ series
„ MTTF up to 4200 million hours
PRODUCT OVERVIEW
The MEJ2 series are single and dual output
medically approved DC/DC converters in a 7 pin SIP
package style offering a power upgrade path from
the NMJ series SIP DC/DC converters. The MEJ2
series is UL 60950 and UL 60601 recognized, which
makes it ideal for applications where safety and
miniaturisation are of paramount importance.


Similar Part No. - MEJ2S1209SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MEJ2S1209SC MURATA-PS-MEJ2S1209SC Datasheet
323Kb / 10P
   5.2kVDC Isolated 2W DC-DC Converters
2023
More results

Similar Description - MEJ2S1209SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MGJ2 MURATA-PS-MGJ2 Datasheet
214Kb / 8P
   5.2kVDC Isolated 2W Gate Drive DC/DC Converters
MEJ1 MURATA-PS-MEJ1 Datasheet
254Kb / 9P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMJ MURATA-KDC_NMJ Datasheet
155Kb / 6P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Toppower Electronic Tec...
TPJXXX-3W TOPPOWER-TPJXXX-3W Datasheet
359Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W_V01 Datasheet
434Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX TOPPOWER-TPJXXX Datasheet
379Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX TOPPOWER-TPJXXX_V01 Datasheet
365Kb / 5P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
logo
Murata Power Solutions ...
MGJ6 MURATA-PS-MGJ6 Datasheet
210Kb / 10P
   5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
MGJ3 MURATA-PS-MGJ3 Datasheet
1Mb / 10P
   5.2kVDC Isolated 3W Gate Drive SM DC/DC Converters
logo
Texas Instruments
DCP02 TI-DCP02_08 Datasheet
767Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com