Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ2M-CPU12 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # CJ2M-CPU12
Description  Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU12 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button CJ2M-CPU12 Datasheet HTML 2Page - Omron Electronics LLC CJ2M-CPU12 Datasheet HTML 3Page - Omron Electronics LLC CJ2M-CPU12 Datasheet HTML 4Page - Omron Electronics LLC CJ2M-CPU12 Datasheet HTML 5Page - Omron Electronics LLC CJ2M-CPU12 Datasheet HTML 6Page - Omron Electronics LLC CJ2M-CPU12 Datasheet HTML 7Page - Omron Electronics LLC CJ2M-CPU12 Datasheet HTML 8Page - Omron Electronics LLC CJ2M-CPU12 Datasheet HTML 9Page - Omron Electronics LLC CJ2M-CPU12 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
CJ2M-CPU3
@/-CPU1@/-MD21@
6
Performance Specifications
*1. Force-setting/resetting bits in the EM Area is possible only for banks specified for the EM Area force-set/reset function.
Items
CJ2M-
CPU11/31
CPU12/32
CPU13/33
CPU14/34
CPU15/35
User Memory
5K steps
10K steps
20K steps
30K steps
60K steps
I/O Bits
2,560 bits
Processing
Speed
Overhead Processing Time
Normal Mode:
CJ2M-CPU3
@: 270
μs *
CJ2M-CPU1
@: 160
μs *
* The following time must be added when using EtherNet/IP tag data links for the CJ2M-CPU3@.
100
μs + (Number of words transferred × 1.8 μs)
The following time must be added when using Pulse I/O Modules with a CJ2M CPU Unit:
10
μs × Number of Pulse I/O Modules
Execution Time
Basic Instructions
: 0.04
μs min.
Special Instructions : 0.06
μs min.
Interrupts
I/O Interrupts and
External Interrupts
Interrupt task startup time: 31
μs
Return time to cyclic task : 10
μs
Scheduled
Interrupts
Minimum time interval : 0.4 ms (set in 0.1 ms increments)
Interrupt task startup time: 30
μs
Return time to cyclic task : 11
μs
Maximum Number of Connectable Units
Total per CPU Rack or Expansion Rack: 10 Units max.;
Total per PLC: 40 Units max.
Basic I/O Units
No limit
However, a maximum of two CJ1W-INT01 Interrupt Input Units can be mounted.
Special I/O Units
Units for up to 96 unit numbers can be mounted. (Unit numbers run from 0 to 95. Units are allocated between
1 and 8 unit numbers.)
CPU Bus Units
CJ2M-CPU3
@: 15 Units max.
CJ2M-CPU1
@: 16 Units max.
Pulse I/O Modules
2 Units max.
*
* Supported only by CJ2M CPU Units with unit version 2.0 or later. A Pulse I/O Module must be mounted.
Slots for which interrupts can be
used
Slots 0 to 4 on CPU Rack
Maximum Number of Expansion Racks
3 max.
CIO Area
I/O Area
2,560 bits (160 words) : Words CIO 0000 to CIO 0159
Link Area
3,200 bits (200 words) : Words CIO 1000 to CIO 1199
CPU Bus Unit Area
6,400 bits (400 words) : Words CIO 1500 to CIO 1899
Special I/O Unit Area
15,360 bits (960 words) : Words CIO 2000 to CIO 2959
Pulse I/O Area
20 inputs, 12 outputs (CIO 2960 to CIO 2963)
Serial PLC Link Words
1,440 bits (90 words)
: Words CIO 3100 to CIO 3189
DeviceNet Area
9,600 bits (600 words) : Words CIO 3200 to CIO 3799
Internal I/O Area
3,200 bits (200 words) : Words CIO 1300 to CIO 1499 (Cannot be used for external I/O.)
37,504 bits (2,344 words): Words CIO 3800 to CIO 6143 (Cannot be used for external I/O.)
Work Area
8,192 bits (512 words): Words W000 to W511 (Cannot be used for external I/O.)
Holding Area
8,192 bits (512 words): Words H000 to H511
Bits in this area maintain their ON/OFF status when PLC is turned OFF or operating mode is changed.
Words H512 to H1535: These words can be used only for function blocks. They can be used only for function
block instances (i.e., they are allocated only for internal variables in function blocks).
Auxiliary Area
Read-only: 31,744 bits (1,984 words)
• 7,168 bits (448 words): Words A0 to A447
• 24,576 bits (1,536 words): Words A10000 to A11535 *
Read/write: 16,384 bits (1,024 words) in words A448 to A1471
*
* A960 to A1471 and A10000 to A11535 cannot be accessed by CPU Bus Units, Special I/O Units, PTs, and
Support Software that do not specifically support the CJ2 CPU Units.
Temporary Area
16 bits: TR0 to TR15
Timer Area
4,096 timer numbers (T0000 to T4095 (separate from counters))
Counter Area
4,096 counter numbers (C0000 to C4095 (separate from timers))
DM Area
32k words
*
• DM Area words for Special I/O Units: D20000 to D29599 (100 words × 96 Units)
• DM Area words for CPU Bus Units: D30000 to D31599 (100 words × 16 Units)
* Bits in the EM Area can be addressed either by bit or by word. These bits cannot be addressed by CPU Bus
Units, Special I/O Units, PTs, and Support Software that do not specifically support the CJ2 CPU Units.
EM Area
32k words/bank
× 4 banks max.: E00_00000 to E3_32767 max. *
* Bits in the EM Area can be addressed either by bit or by word. These bits cannot be addressed by CPU Bus
Units, Special I/O Units, PTs, and Support Software that do not specifically support the CJ2 CPU Units.
32K words
× 1 bank
32K words
× 4 banks
Force-S/R Enabled Banks
*1
Bank 0 hex
Bank 0 to 3 hex
Index Registers
IR0 to IR15
These are special registers for storing PLC memory addresses for indirect addressing. (Index Registers can
be set so that they are unique in each task or so that they are shared by all tasks.)
Cyclic Task Flag Area
128 flags
Memory Card
128 MB, 256 MB, or 512 MB
Operating Modes
PROGRAM Mode: Programs are not executed. Preparations can be executed prior to program execution in
this mode.
MONITOR Mode: Programs are executed, and some operations, such as online editing, and changes to
present values in I/O memory, are enabled in this mode.
RUN Mode:
Programs are executed. This is the normal operating mode.


Similar Part No. - CJ2M-CPU12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ2M-CPU12 OMRON-CJ2M-CPU12 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ2M-CPU12 OMRON-CJ2M-CPU12 Datasheet
4Mb / 30P
   SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
More results

Similar Description - CJ2M-CPU12

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
ALPS ELECTRIC CO.,LTD.
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
   BL22P64 can be used for dedicated control functions in a variety of applications
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
   The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
Omron Electronics LLC
E52-P10AE OMRON-E52-P10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
ALPS ELECTRIC CO.,LTD.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com