Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XW2B-20X5 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # XW2B-20X5
Description  Simplifies Connector and terminal block replacement, and requires less in-panel wiring.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2B-20X5 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button XW2B-20X5 Datasheet HTML 2Page - Omron Electronics LLC XW2B-20X5 Datasheet HTML 3Page - Omron Electronics LLC XW2B-20X5 Datasheet HTML 4Page - Omron Electronics LLC XW2B-20X5 Datasheet HTML 5Page - Omron Electronics LLC XW2B-20X5 Datasheet HTML 6Page - Omron Electronics LLC XW2B-20X5 Datasheet HTML 7Page - Omron Electronics LLC XW2B-20X5 Datasheet HTML 8Page - Omron Electronics LLC XW2B-20X5 Datasheet HTML 9Page - Omron Electronics LLC XW2B-20X5 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
XW2B
10
Safety Precautions
● Wiring
• Always turn OFF the power supply before wiring.
Otherwise, cables or other conductors can short the
terminals and cause the Unit to fail.
• Do not connect or disconnect Connectors with the power
turned ON. Otherwise, it may cause malfunctions.
● Wiring Terminal Blocks
• Direct Wire Connections with a Terminal Block with M3
Screws
1. Use a wire size between 0.3 and 1.25 mm2 (AWG22 to
AWG16).
2. Prepare the end of each wire as shown in the following
diagram.
3. The wire insertion holes are 1.8
× 2.5 (H × W) mm on the
terminal block with M3 screws.
• Direct Wire Connections with a Terminal Block with M3.5
Screws
(With a Terminal Block with M3 Screws)
Note: Round rod and blade crimp terminals are made by Nichifu.
● Terminal Screw Tightening Torque
• Select a tightening torque from the following table when
connecting wires or crimp terminals to the terminal block.
● Mounting Units to and Removing Units from DIN Track
• For terminal blocks with M3 screws, use a flat-heat
screwdriver like the one shown in the following diagram.
• XW2B Connector-Terminal Block Conversion Units can be
mounted side-to-side on DIN Track. The flanges for
mounting screws are located on each side at the bottom of
the XW2B.
• Secure both ends of the XW2B with End Plates.
• When removing the Unit from a DIN Track, insert a flat-head
screwdriver into the slider and pull the lock out.
Precautions for Correct Use
Applicable crimp terminals
Applicable wires
Round
1.25-3.5
AWG22 to AWG16
(0.30 to 1.25 mm2)
2-3.5
AWG16 to AWG14
(1.25 to 2.0 mm2)
Forked
1.25Y-3.5
AWG22 to AWG16
(0.30 to 1.25 mm2)
2Y-3.5
AWG16 to AWG14
(1.25 to 2.0 mm2)
Applicable crimp terminals
Applicable wires
Rod
TC-05
Dia. = 1
AWG22 to AWG18
(0.30 to 0.75 mm2)
TC-1.25S
Dia. = 1.5
AWG22 to AWG16
(0.30 to 1.25 mm2)
Blade
BT1.25-9-1
BT1.25-10-1
W = 2.2
AWG22 to AWG16
(0.30 to 1.25 mm2)
6 mm
6.8 mm max.
3.7 mm dia.
6.8 mm max.
3.7 mm
Round
Forked
Dia.
t = 0.75
W
Round rod
Blade
Terminal Block
Tightening torque
N
⋅m
With M3 screws
0.40
With M3.5 screws
0.59
2.9- to 3.5-mm blade
Screw slot width: 0.7


Similar Part No. - XW2B-20X5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2B-20G4 OMRON-XW2B-20G4 Datasheet
380Kb / 13P
   Screw Terminal Block Cables
XW2B-20G4 OMRON-XW2B-20G4 Datasheet
1Mb / 12P
   SmartStep 2 servo drive
XW2B-20G5 OMRON-XW2B-20G5 Datasheet
380Kb / 13P
   Screw Terminal Block Cables
XW2B-20G5 OMRON-XW2B-20G5 Datasheet
1Mb / 12P
   SmartStep 2 servo drive
XW2B-20G5-D OMRON-XW2B-20G5-D Datasheet
380Kb / 13P
   Screw Terminal Block Cables
More results

Similar Description - XW2B-20X5

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
GWLA.01 TAOGLAS-GWLA.01 Datasheet
2Mb / 23P
   Simplifies GPS and 2.4GHz Circuits
logo
PHOENIX CONTACT
2891027 PHOENIX-2891027 Datasheet
70Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891411 PHOENIX-2891411 Datasheet
73Kb / 7P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891020 PHOENIX-2891020 Datasheet
69Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891028 PHOENIX-2891028 Datasheet
69Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891110 PHOENIX-2891110 Datasheet
69Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891097 PHOENIX-2891097 Datasheet
71Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891029 PHOENIX-2891029 Datasheet
69Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891934 PHOENIX-2891934 Datasheet
71Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
logo
NHP Electrical Engineer...
1769-RTBN18 NHP-1769-RTBN18 Datasheet
533Kb / 1P
   COMPACTLOGIX I/O REPLACEMENT TERMINAL BLOCK 18PIN
8 June 2023,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com