Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP7030 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDP7030
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP7030 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDP7030 Datasheet HTML 1Page - Fairchild Semiconductor FDP7030 Datasheet HTML 2Page - Fairchild Semiconductor FDP7030 Datasheet HTML 3Page - Fairchild Semiconductor FDP7030 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FDP7030L Rev.D
1
Typical Electrical Characteristics
0
0.5
1
1.5
2
2.5
0
20
40
60
80
100
V
, DRAIN-SOURCE VOLTAGE (V)
DS
8.0
4.0
4.5
5.0
3.5
6.0
V
= 10V
GS
3.0
-50
-25
0
25
50
75
100
125
150
175
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= 10V
GS
I = 50A
D
1
1.5
2
2.5
3
3.5
4
4.5
5
0
10
20
30
40
50
60
V
, GATE TO SOURCE VOLTAGE (V)
25
125°C
V
= 10V
DS
GS
T = -55°C
A
Figure 5. Transfer Characteristics
.
0
20
40
60
80
100
0.5
1
1.5
2
2.5
3
I
, DRAIN CURRENT (A)
D
4.5
5.0
10.0
4.0
6.0
8.0
V
=3.5V
GS
Figure 1. On-Region Characteristics.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.0001
0.001
0.01
0.1
1
10
60
V
, BODY DIODE FORWARD VOLTAGE (V)
T = 125°C
A
25°C
-55°C
V
=0V
GS
SD
2
4
6
8
10
0
0.005
0.01
0.015
0.02
0.025
V
, GATE TO SOURCE VOLTAGE (V)
GS
125°C
25°C
I =50A
D
Figure 3. On-Resistance Variation
with Temperature
.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
Figure 2. On-Resistance Variation with
Drain Current and Gate
Voltage.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.


Similar Part No. - FDP7030

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP7030 FAIRCHILD-FDP7030 Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
logo
Inchange Semiconductor ...
FDP7030BL ISC-FDP7030BL Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP7030BLS FAIRCHILD-FDP7030BLS Datasheet
82Kb / 6P
   30V N-Channel PowerTrench짰SyncFET?
logo
Inchange Semiconductor ...
FDP7030L ISC-FDP7030L Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP7030

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com